Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R271 Datasheet(PDF) 3 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R271
Description  Multi-touch Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R271 Datasheet(HTML) 3 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R271 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R271 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CP32xx-0030
https://www.beckhoff.com/cp32xx-0030
Technical changes reserved
As of 23.06.2021 | Site 3 of 5
Motherboard
3½-inch motherboard for 8th/9th generation Intel® Celeron®, Pentium®, Core™
i3/i5/i7
PCIe/PCI slots
1 PCIe module slot
Memory
4 GB DDR4 RAM
up to 64 GB DDR4 RAM
Ethernet
2 x 100/1000BASE-T on-board
RAID
on-board SATA RAID 1 controller
Hard disks/flash
hard disk, 2½-inch, 320 GB
SSD, CFast
Interfaces
1 x Ethernet 100/1000BASE-T Harting PushPull
Power supply
24 V DC
UPS
Operating system
Windows 10 IoT Enterprise, Windows
Server 2019
Ordering Information
CP32xx-0030
Multi-touchPanel PCs
CP3212-0030
12-inch display 800 x 600, multi-finger touch screen
CP3215-0030
15-inch display 1024 x 768, multi-finger touch screen
CP3216-0030
15.6-inch display 1366 x 768, multi-finger touch screen
CP3218-0030
18.5-inch display 1366 x 768, multi-finger touch screen
CP3219-0030
19-inch display 1280 x 1024, multi-finger touch screen
CP3221-0030
21.5-inch display 1920 x 1080, multi-finger touch screen
CP3224-0030
24-inch display 1920 x 1080, multi-finger touch screen
Options
Options
CP32xx-0030
C9900-C624
processor 8th generation Intel® Pentium® G5400, 3.7 GHz, 2 cores (TC3: 50), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C634
processor 9th generation Intel® Core™ i3-9100TE, 2.2 GHz, 4 cores (TC3: 60), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C635
processor 9th generation Intel® Core™ i5-9500TE, 2.2 GHz, 6 cores (TC3: 70), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-C636
processor 9th generation Intel® Core™ i7-9700TE, 1.8 GHz, 8 cores (TC3: 80), instead of
Intel® Celeron® G4900 3.1 GHz (TC3: 50)
C9900-R270
memory extension to 8 GB DDR4 RAM, instead of 4 GB
C9900-R271
memory extension to 16 GB DDR4 RAM, instead of 4 GB
C9900-R272
memory extension to 32 GB DDR4 RAM, instead of 4 GB
C9900-R273
memory extension to 64 GB DDR4 RAM, instead of 4 GB
C9900-B519
1 PCIe module slot integrated inside CP32xx or CP37xx, to plug-in Beckhoff PCIe
modules



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com