Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R270 Datasheet(PDF) 3 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R270
Description  Multi-touch Panel PC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R270 Datasheet(HTML) 3 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R270 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R270 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CP32xx-0020
https://www.beckhoff.com/cp32xx-0020
Technical changes reserved
As of 23.06.2021 | Site 3 of 5
Motherboard
3½-inch motherboard for 6th/7th generation Intel® Celeron®, Pentium®, Core™
i3/i5/i7
PCIe/PCI slots
1 PCIe module slot
Memory
4 GB DDR4 RAM
up to 32 GB DDR4 RAM
Ethernet
2 x 100/1000BASE-T on-board
RAID
on-board SATA RAID 1 controller
Hard disks/flash
hard disk, 2½-inch, 320 GB
SSD, CFast
Interfaces
1 x Ethernet 100/1000BASE-T Harting PushPull
Power supply
24 V DC
UPS
Operating system
Windows 7, Windows Embedded Standard
7, Windows 10 IoT Enterprise, Windows
Server 2016
Ordering Information
CP32xx-0020
Multi-touchPanel PCs
CP3212-0020
12-inch display 800 x 600, multi-finger touch screen
CP3215-0020
15-inch display 1024 x 768, multi-finger touch screen
CP3216-0020
15.6-inch display 1366 x 768, multi-finger touch screen
CP3218-0020
18.5-inch display 1366 x 768, multi-finger touch screen
CP3219-0020
19-inch display 1280 x 1024, multi-finger touch screen
CP3221-0020
21.5-inch display 1920 x 1080, multi-finger touch screen
CP3224-0020
24-inch display 1920 x 1080, multi-finger touch screen
Options
Options
CP32xx-0020
C9900-C607
processor 6th generation Intel® Pentium® G4400TE, 2.4 GHz, 2 cores (TC3: 50), instead
of Intel® Celeron® G3900TE 2.3 GHz (TC3: 50)
C9900-C608
processor 6th generation Intel® Core™ i3-6100TE, 2.7 GHz, 2 cores (TC3: 60), instead of
Intel® Celeron® G3900TE 2.3 GHz (TC3: 50)
C9900-C618
processor 7th generation Intel® Core™ i3-7101(T)E, 3.4 GHz, 2 cores (TC3: 60), requires
Windows 10, 64 bit or Windows Server 2016, instead of Intel® Celeron® G3900TE 2.3
GHz (TC3: 50)
C9900-C609
processor 6th generation Intel® Core™ i5-6500TE, 2.3 GHz, 4 cores (TC3: 70), instead of
Intel® Celeron® G3900TE 2.3 GHz (TC3: 50)
C9900-C619
processor 7th generation Intel® Core™ i5-7500(T), 2.7 GHz, 4 cores (TC3: 70), requires
Windows 10, 64 bit or Windows Server 2016, instead of Intel® Celeron® G3900TE
2.3 GHz (TC3: 50)
C9900-C610
processor 6th generation Intel® Core™ i7-6700TE, 2.4 GHz, 4 cores (TC3: 80), instead of
Intel® Celeron® G3900TE 2.3 GHz (TC3: 50)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com