Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R230 Datasheet(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R230
Description  Economy Panel PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R230 Datasheet(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R230 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R230 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R230 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R230 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R230 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG C9900-R230 Datasheet HTML 6Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CP32xx-0010
https://www.beckhoff.com/cp32xx-0010
Technical changes reserved
As of 23.06.2021 | Site 1 of 6
Product status: Regular delivery (not recommended for new projects)
With the CP32xx series, a high-end Panel PC with multi-touch can be used directly in the field. The devices in a slender
aluminium housing feature complete IP 65 protection and are designed for mounting arm installation. The Panel PCs offer
maximum computing power with processors of the latest generation, such as Intel® Celeron®, Pentium® or Core™ i3/i5/i7.
A choice of seven different multi-touch TFT displays, in sizes between 12-inch and 24-inch and 4:3, 5:4 or widescreen 16:9
formats, are available. Cooling is achieved by means of cooling fins on the outer wall as well as fans inside the closed
housing. The operating temperature range is 0 to 45 °C.
Direct mounting arm installation
The Panel PC features an integrated rotatable and tiltable mounting arm adapter for a 48 mm diameter mounting arm tube.
There is a choice of attaching the mounting arm from above or below. The connecting cables are laid through the mounting
arm.
Scalable performance
The Industrial PC connections (up to six) with IP 65 connectors are positioned in the large wiring space and are easily
accessible. The wiring area can be opened easily without dismounting the device from the mounting arm, offering fast access
to the IP 65 connectors for power supply, Ethernet and optional fieldbus or USB. Prefabricated cables in various lengths are
available for all connections.
Highest data availability and data security
The C32xx series Panel PCs are supplied with a 24 V power supply unit, optionally with integrated uninterruptible power
supply (UPS). A battery pack can be connected externally and installed on a DIN rail in the control cabinet.
CP32xx-0010 | “Economy” Panel PC


Similar Part No. - C9900-R230

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C9900-R230 BECKHOFF-C9900-R230 Datasheet
200Kb / 5P
Multi-touch built-in Panel PC
More results

Similar Description - C9900-R230

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
logo
List of Unclassifed Man...
BU-55 ETC2-BU-55 Datasheet
50Kb / 1P
Economy Clip
logo
Advantech Co., Ltd.
DMS-ST07 ADVANTECH-DMS-ST07_15 Datasheet
433Kb / 2P
eHome Panel PC
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
logo
Beckhoff Automation Gmb...
C6905 BECKHOFF-C6905 Datasheet
117Kb / 2P
Economy control cabinet Industrial PC
CP32XX BECKHOFF-CP32XX Datasheet
114Kb / 2P
Multi-touch Panel PC
CP32XX-0020 BECKHOFF-CP32XX-0020 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP32XX-1600-0020 BECKHOFF-CP32XX-1600-0020 Datasheet
302Kb / 6P
Multi-touch Panel PC
CP37XX-1600-0020 BECKHOFF-CP37XX-1600-0020 Datasheet
157Kb / 5P
Multi-touch Panel PC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com