Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9900-R272 Datasheet(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG

Part # C9900-R272
Description  Multi-touch Panel PC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

C9900-R272 Datasheet(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG

  C9900-R272 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG C9900-R272 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG C9900-R272 Datasheet HTML 3Page - Beckhoff Automation GmbH & Co. KG C9900-R272 Datasheet HTML 4Page - Beckhoff Automation GmbH & Co. KG C9900-R272 Datasheet HTML 5Page - Beckhoff Automation GmbH & Co. KG C9900-R272 Datasheet HTML 6Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CP32xx-1600-0020
https://www.beckhoff.com/cp32xx-1600-0020
Technical changes reserved
As of 01.07.2021 | Site 1 of 6
Product status: Product announcement | estimated market release July 2021
Multi-touch can be used directly in the field with the CP32xx-1600 Panel PC series. The devices in robust aluminum housing
feature complete IP 65 protection and are designed for mounting arm installation. The Panel PCs offer maximum computing
power with processors of the latest generation, such as Intel® Celeron®, Pentium® or Core™ i3/i5/i7. There is a choice of
five different multi-touch TFT displays from 15.6 to 24-inch, in the formats 5:4 and widescreen 16:9. Cooling is achieved by
means of cooling fins on the outer wall as well as fans inside the closed housing. The PC can be operated at an ambient
temperature of up to 45°C.
Direct mounting arm installation
In parallel with the CP32xx device series with ex-work integrated mounting arm adapter, the CP32xx-1600 series offers the
option of freely selecting a mounting arm adapter. For this purpose, M6 screws are available in a 100 x 100 mm and 70 x 130
mm mounting face. The optional rotatable and tiltable mounting arm adapter C9900-M763 can be ordered. The customer can
mount it from top or bottom. Like the Beckhoff Control Panels, it is thus possible to adapt to a 48 mm mounting arm system.
On the underside of the panel there are three threaded holes to allow the mounting/retrofitting of mechanical extensions
such as keyboard shelves or a handle.
Scalable performance
The up to six connections of the Industrial PC are arranged with IP 65 connectors in the connection compartment, where they
are easily accessible. Prefabricated cables in various lengths are available for all connections. A USB 3.0 port at the bottom
side is already installed ex-work.
CP32xx-1600-0020 | Multi-touch Panel PC


Similar Part No. - C9900-R272

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
C9900-R272 BECKHOFF-C9900-R272 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
C9900-R272 BECKHOFF-C9900-R272 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
C9900-R272 BECKHOFF-C9900-R272 Datasheet
147Kb / 5P
Multi-touch Panel PC
C9900-R272 BECKHOFF-C9900-R272 Datasheet
147Kb / 5P
Multi-touch Panel PC
More results

Similar Description - C9900-R272

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP22XX-0030 BECKHOFF-CP22XX-0030 Datasheet
192Kb / 4P
Multi-touch built-in Panel PC
CP32XX BECKHOFF-CP32XX Datasheet
114Kb / 2P
Multi-touch Panel PC
CP32XX-0020 BECKHOFF-CP32XX-0020 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP32XX-0030 BECKHOFF-CP32XX-0030 Datasheet
147Kb / 5P
Multi-touch Panel PC
CP32XX-1600 BECKHOFF-CP32XX-1600 Datasheet
261Kb / 2P
Multi-touch Panel PC
CP37XX BECKHOFF-CP37XX Datasheet
121Kb / 2P
Multi-touch Panel PC
CP37XX-0010 BECKHOFF-CP37XX-0010 Datasheet
154Kb / 5P
Multi-touch Panel PC
CP37XX-0020 BECKHOFF-CP37XX-0020 Datasheet
153Kb / 5P
Multi-touch Panel PC
CP37XX-1600 BECKHOFF-CP37XX-1600 Datasheet
125Kb / 2P
Multi-touch Panel PC
CP37XX-1600-0020 BECKHOFF-CP37XX-1600-0020 Datasheet
157Kb / 5P
Multi-touch Panel PC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com