Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6948 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6948
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices LTC6948 Datasheet HTML 14Page - Analog Devices LTC6948 Datasheet HTML 15Page - Analog Devices LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC5556
13
Rev 0
For more information www.analog.com
BLOCK DIAGRAM
RF
5556 BD
IF1+
IF1–
VDD
VDD
LO+
LO–
RP
GND
VCC1
MO1–
GND
LTC5556
MO1+
EN1
AI1+
AI1–
VCC2
MO2–
GND
MO2+
EN2
AI2+
AI2–
GND
GND
(EXPOSED PAD)
GND
27
30
28
26
25
29
31
32
14
11
13
15
16
12
10
9
RF1
CSB
CLK
SDI
SDO
RF2
GND
1
2
24
23
22
21
20
19
18
17
3
4
5
6
7
8
33
IF
SPI
BIAS
CH 1 ATT
CONTROL
IF2–
IF2+
IF
BIAS
RF
LO
LO
5
CH 2 ATT
CONTROL
5
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com