Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB1B7 Datasheet(PDF) 3 Page - Schneider Electric

Part # RXM2AB1B7
Description  Harmony, Miniature plug-in relay, 12 A, 2 CO, with lockable test button, 24 V AC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM2AB1B7 Datasheet(HTML) 3 Page - Schneider Electric

  RXM2AB1B7 Datasheet HTML 1Page - Schneider Electric RXM2AB1B7 Datasheet HTML 2Page - Schneider Electric RXM2AB1B7 Datasheet HTML 3Page - Schneider Electric RXM2AB1B7 Datasheet HTML 4Page - Schneider Electric RXM2AB1B7 Datasheet HTML 5Page - Schneider Electric RXM2AB1B7 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Package 1 Length
0.83 in (21 mm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com