Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM2AB1GD Datasheet(PDF) 1 Page - Schneider Electric

Part # RXM2AB1GD
Description  Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 125 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RXM2AB1GD Datasheet(HTML) 1 Page - Schneider Electric

  RXM2AB1GD Datasheet HTML 1Page - Schneider Electric RXM2AB1GD Datasheet HTML 2Page - Schneider Electric RXM2AB1GD Datasheet HTML 3Page - Schneider Electric RXM2AB1GD Datasheet HTML 4Page - Schneider Electric RXM2AB1GD Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product data sheet
Characteristics
RXM2AB1GD
Harmony, Miniature plug-in relay, 6 A, 2 CO, with
lockable test button, 125 V DC
Main
Range of Product
Harmony Electromechanical Relays
Series name
Miniature
Product or Component Type
Plug-in relay
Device short name
RXM
Contacts type and composition
2 C/O
[Uc] control circuit voltage
125 V DC
[Ithe] conventional enclosed thermal
current
6 A -40…131 °F (-40…55 °C)
Status LED
Without
Control Type
Lockable test button
Utilisation coefficient
20 %
Complementary
Shape of pin
Flat
[Ui] rated insulation voltage
250 V IEC
[Uimp] rated impulse withstand voltage
4 kV 1.2/50 µs
Contacts material
AgNi
[Ie] rated operational current
3 A 28 V DC) NC IEC
3 A 250 V AC) NC IEC
6 A 28 V DC) NO IEC
6 A 250 V AC) NO IEC
Maximum switching voltage
250 V IEC
Resistive rated load
6 A 250 V AC
6 A 28 V DC
Maximum switching capacity
1500 VA/168 W
Minimum switching capacity
170 mW 10 mA, 17 V
Operating rate
<= 1200 cycles/hour under load
<= 18000 cycles/hour no-load
 
Aug 31, 2021
1


Similar Part No. - RXM2AB1GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM2AB1G7 SCHNEIDER-RXM2AB1G7 Datasheet
151Kb / 5P
Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 110 V AC
Aug 4, 2021
More results

Similar Description - RXM2AB1GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM2AB1U7 SCHNEIDER-RXM2AB1U7 Datasheet
115Kb / 3P
Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 240 V AC
Aug 4, 2021
RXM2AB1ND SCHNEIDER-RXM2AB1ND Datasheet
136Kb / 5P
Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 60 V DC
Aug 4, 2021
RXM4AB1BD SCHNEIDER-RXM4AB1BD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V DC
Aug 5, 2021
RXM4AB1ED SCHNEIDER-RXM4AB1ED Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 48 V DC
Aug 5, 2021
RXM4AB1FD SCHNEIDER-RXM4AB1FD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 110 V DC
Aug 5, 2021
RXM4AB1JD SCHNEIDER-RXM4AB1JD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 12 V DC
Aug 5, 2021
RXM4AB1MD SCHNEIDER-RXM4AB1MD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 220 V DC
Aug 5, 2021
RXM4AB2GD SCHNEIDER-RXM4AB2GD Datasheet
220Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with LED, with lockable test button, 125 V DC
Aug 5, 2021
RXM2AB1HD SCHNEIDER-RXM2AB1HD Datasheet
151Kb / 5P
Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 30 V DC
Aug 31, 2021
RXM2AB1MD SCHNEIDER-RXM2AB1MD Datasheet
151Kb / 5P
Harmony, Miniature plug-in relay, 6 A, 2 CO, with lockable test button, 220 V DC
Aug 31, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com