Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA5532 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFPA5532
Description  Wi-Fi Integrated PA Module 4900MHz to 5925MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5532 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFPA5532 Datasheet HTML 1Page - Qorvo, Inc RFPA5532 Datasheet HTML 2Page - Qorvo, Inc RFPA5532 Datasheet HTML 3Page - Qorvo, Inc RFPA5532 Datasheet HTML 4Page - Qorvo, Inc RFPA5532 Datasheet HTML 5Page - Qorvo, Inc RFPA5532 Datasheet HTML 6Page - Qorvo, Inc RFPA5532 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revision DS20151222
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 7
RFPA5532
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Leakage Current
0.2
1
uA
RF OFF; VPAEN= 0V
Second Harmonic
-47
-40
dBm/MHz
POUT = 24dBm; OFDM 6Mbps signal.
Third Harmonic
-50
-40
dBm/MHz
POUT = 24dBm; OFDM 6Mbps signal
OOB Gain
-10
-5
dB
3.3-3.8GHz
7
12
dB
7.0-15.0GHz
Input Return Loss
12
dB
Output Return Loss
8
dB
Power Detector Range
0.25
V
POUT = 3dBm
0.55
V
POUT = 21dBm
0.75
V
POUT = 24dBm
General Specifications
Stability
Output VSWR
6:1
CW signal, No spurious above -41.25dBm/MHz for non-harmonic
related signals
Output Power Range
0
24
dBm
Output P1dB
30
dBm
CW signal
Ramp ON/OFF time
200
nS
10-90% / 90-10% of gain
Thermal Resistance
27
°C/W
ESD HBM
1500
V
EIA/JESD22-114A; All pins
ESD CDM
500
V
JESD22-C101C; All pins



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com