Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA2172 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFPA2172
Description  ISM Band 3.6V, 250mW AMP with Analog Gain Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA2172 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFPA2172 Datasheet HTML 1Page - Qorvo, Inc RFPA2172 Datasheet HTML 2Page - Qorvo, Inc RFPA2172 Datasheet HTML 3Page - Qorvo, Inc RFPA2172 Datasheet HTML 4Page - Qorvo, Inc RFPA2172 Datasheet HTML 5Page - Qorvo, Inc RFPA2172 Datasheet HTML 6Page - Qorvo, Inc RFPA2172 Datasheet HTML 7Page - Qorvo, Inc RFPA2172 Datasheet HTML 8Page - Qorvo, Inc RFPA2172 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Revision DS20170508
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 12
RFPA2172
RFMD + TriQuint = Qorvo
Application Schematic 915MHz
12
11
10
2
4
3
13
14
15
16
1
9
8
7
6
5
22 nF
RF IN
8.2 nH
RAPC
3 k
VAPC
2.7 nH
22 nF
4 pF
3.9 nH
2.4 pF
RF OUT
Bias
22 nF
22 nF
22 nF
22 nF
VPD
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com