Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA0133 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFPA0133
Description  3 TO 5V PROGRAMMABLE GAIN HIGH EFFICIENCY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA0133 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFPA0133 Datasheet HTML 1Page - Qorvo, Inc RFPA0133 Datasheet HTML 2Page - Qorvo, Inc RFPA0133 Datasheet HTML 3Page - Qorvo, Inc RFPA0133 Datasheet HTML 4Page - Qorvo, Inc RFPA0133 Datasheet HTML 5Page - Qorvo, Inc RFPA0133 Datasheet HTML 6Page - Qorvo, Inc RFPA0133 Datasheet HTML 7Page - Qorvo, Inc RFPA0133 Datasheet HTML 8Page - Qorvo, Inc RFPA0133 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RFPA0133
DS120206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
NOTE: Thermal resistance and die temperature are measured at a PCB temperature of 85
C on a standard 900MHz evalua-
tion board.
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
2
4
6
8
1012141618202224262830
Power (dBm)
Thermal Resistance versus Output Power
3.6V
5.0V
40
50
60
70
80
90
100
110
120
130
140
75
100
125
150
175
200
225
250
275
300
325
350
Current (mA)
Thermal Resistance versus Current
3.6V
5.0V
80
90
100
110
120
130
140
150
160
0
5
10
15
20
25
30
Output Power (dBm)
Maximum Die Temperature versus
Output Power
3V
5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com