Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFM8528 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM8528
Description  WiFi Front End Module 5180MHz to 5825MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM8528 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM8528 Datasheet HTML 1Page - Qorvo, Inc RFFM8528 Datasheet HTML 2Page - Qorvo, Inc RFFM8528 Datasheet HTML 3Page - Qorvo, Inc RFFM8528 Datasheet HTML 4Page - Qorvo, Inc RFFM8528 Datasheet HTML 5Page - Qorvo, Inc RFFM8528 Datasheet HTML 6Page - Qorvo, Inc RFFM8528 Datasheet HTML 7Page - Qorvo, Inc RFFM8528 Datasheet HTML 8Page - Qorvo, Inc RFFM8528 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140731
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 10
RFFM8528
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Specifications
PA Turn-off Time from PA_EN edge
150
200
nS
90% to 10% of final gain
Ruggedness
10:1
VSWR
At typical operating conditions
*For 4900MHz to 5150MHz, POUT is reduced by 1dB
Switch Control Logic Truth Table
Note:
1.
TX Low Power Mode is enabled either internally or with an option for external VMODE.
2.
High = 2.8V to VCC, Low = 0V to 0.2V.
Operating Mode
PA_EN
LNA_EN
VMODE
Standby
Low
Low
Low
802.11a/n/ac TX High Power Mode
High
Low
Low
802.11a/n/ac TX Low Power Mode
High
Low
High
802.11a/n/ac TX Low Power Mode (Optional)
High
High
Low
802.11a/n/ac RX Gain
Low
High
Low
802.11a/n/ac RX Bypass
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com