Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW4810
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 28Page - STMicroelectronics STW4810 Datasheet HTML 29Page - STMicroelectronics STW4810 Datasheet HTML 30Page - STMicroelectronics STW4810 Datasheet HTML 31Page - STMicroelectronics STW4810 Datasheet HTML 32Page - STMicroelectronics STW4810 Datasheet HTML 33Page - STMicroelectronics STW4810 Datasheet HTML 34Page - STMicroelectronics STW4810 Datasheet HTML 35Page - STMicroelectronics STW4810 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
4 Functional description
STw4810
32/72
Rev3
4.3.4
VPLL
This LDO is dedicated to the multimedia processor PLL (1.05 V, 1.2 V, 1.3 V, 1.8 V) power
supply with 10 mA max full load (Power Control Registers -
Table 26 and Table 27).
Main features
Programmable output voltage, (VPLL_SEL[1:0] bits of power control register -
Table 26
and
Table 27)
Two power domains:
‘Normal mode’ 10 mA full load
‘Power Down mode’ or ‘Standby Mode’ when regulators are switched off and there is
no power consumption (EN_VPLL bit of power control register -
Table 27)
Soft start circuitry at start up, from power off to normal mode, when PON ball changes
from “0” to “1”.
Default setting defined by start-up configuration.
4.3.5
VANA
This LDO is dedicated to the multimedia processor analogue function (2.5 V) power supply with
10 mA full load.
Main features:
2.5 V output voltage,
Two power domains
‘Normal mode’ 10 mA full load
‘Power Down mode’ or ‘Standby Mode’ when regulators are switched off and there is
no power consumption (EN_VANA bit of Power control register -
Table 28),
Default setting defined by start-up configuration.
4.3.6
VAUX
This LDO is dedicated either to the multimedia processor input/output signals or to the auxiliary
devices. Power supply values are 1.5 V,1.8 V, 2.5 V, 2.8 V with 150 mA full load and 0.5 mA in
SLEEP mode. In case of 1.5 V on the output, this LDO can be supplied by using VIO_VMEM
DC/DC converter (1.8 V). One pad feed-back is used.
Main features:
Programmable output voltage, 4 levels
(VAUX_SEL[1:0] bits of Power control register -
Table 26)
Three power domains:
‘Normal mode’ when multimedia processor is in run mode, 150 mA full load
‘Low current mode’ when multimedia processor is in sleep mode, 0.5 mA current
capability.
Fast switching from low current to normal mode.
Note:
Definition of SLEEP mode is given in 4.2.3: SLEEP mode section.
‘Power down mode’ or ‘standby mode’ when regulator is switched off, no power
consumption (PDN_VAUX bit of SD MMC control register -
Table 17)
Default setting defined by start-up configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com