Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW8009
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 1 Page - STMicroelectronics

  STW8009 Datasheet HTML 1Page - STMicroelectronics STW8009 Datasheet HTML 2Page - STMicroelectronics STW8009 Datasheet HTML 3Page - STMicroelectronics STW8009 Datasheet HTML 4Page - STMicroelectronics STW8009 Datasheet HTML 5Page - STMicroelectronics STW8009 Datasheet HTML 6Page - STMicroelectronics STW8009 Datasheet HTML 7Page - STMicroelectronics STW8009 Datasheet HTML 8Page - STMicroelectronics STW8009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2006
Rev1
1/55
1
STw8009
STw8019
Mobile Video DENC
Features
■ Two analog outputs (10 bits DAC) with:
– CVBS (Composite) output or Y/C (S-VHS)
– NTSC-M & 4.43 & PAL-BDGHI, N, M
support
– 35 mA current driver
■ 8-bit digital interface input supporting both
embedded and external synchro
– CCIR 601 / YCbCr 4:2:2 format
– CCIR 656: 27 Mhz pixel input clock
■ Latest Macrovision (7.1.L1) (STw8019 only)
■ 2-wire serial MPU interface (I2C compatible)
■ Master and slave modes
■ TV / VCR plug insertion detection
■ Supply voltages
– 2.8V/3.3V analog
– 1.8 V digital I/O
–1.2 V for core
■ Power consumption
– Sleep mode: 5 µW
– Standby mode: 150 µW maximum
– CVBS: 125 mW
– Y/C: 245 mW
■ Package
– TFBGA 4x4x1.2 mm height, 0.5 mm pitch,
– VFBGA 3x3x1 mm height, 0.4 mm pitch
– TQFP64 also available
■ Full matrix: 7 x 7
Description
STw8009/STw8019 is aimed at mobile video
Digital ENCoder (DENC). This device converts
digital video signals into high quality analog signal
compliant with TV standards, it is able to encode
interlaced (in all standards) and non-interlaced (in
PAL and NTSC).
Featuring ultra low power consumption, it suits
perfectly mobile appliances that interface
occasionally with TV sets or VCRs. It is also the
ideal companion for digital application processors
such as ST’s Nomadik family.
To
minimize
PCB
space
usage,
STw8009/STw8019
features
a
high
level
of
integration. STw8009/STw8019 drives directly the
video input, CVBS of a TV set or the Y/C video
input of a VCR through optional ESD protection
devices.
The
27 MHz
clock
and
the
device
power
management are controlled through the digital
processor interface [PORn, Suspend and 2-wire
I2C compatible serial MPU]. This digital processor
interface also controls the STw8009/STw8019
operating modes (off, sleep, standby and active).
Applications
■ Mobile video Digital ENCoder (DENC)
Order codes
Part number
Package
STw8009A
TFBGA49
STw8019A
TFBGA49
STw8009BS3
VFBGA49
STw8019BS3
VFBGA49
STw8009
TFBGA 4 mm x 4 mm x 1.2 mm
VFBGA 3 mm x 3 mm x 1.0 mm
www.st.com


Similar Part No. - STW8009

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW8009 STMICROELECTRONICS-STW8009 Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
STW8009B27R/LF STMICROELECTRONICS-STW8009B27R/LF Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
STW8009B27T/LF STMICROELECTRONICS-STW8009B27T/LF Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
STW8009BS3R/LF STMICROELECTRONICS-STW8009BS3R/LF Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
STW8009BS3T/LF STMICROELECTRONICS-STW8009BS3T/LF Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
More results

Similar Description - STW8009

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7124 PHILIPS-SAA7124 Datasheet
344Kb / 44P
Digital Video Encoder ECO-DENC
1996 Nov 07
SAA7182 PHILIPS-SAA7182 Datasheet
268Kb / 40P
Digital Video Encoder EURO-DENC
1996 Jul 08
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
Rohm
BH76106HFV ROHM-BH76106HFV Datasheet
139Kb / 6P
3V operation Video driver (with LPF for mobile applications)
BH76109HFV ROHM-BH76109HFV Datasheet
140Kb / 6P
3V operation Video driver (with LPF for mobile applications)
BH76112HFV ROHM-BH76112HFV Datasheet
138Kb / 6P
3V operation Video driver (with LPF for mobile applications)
BH76206HFV ROHM-BH76206HFV Datasheet
138Kb / 6P
3V operation Video driver (with LPF for mobile applications)
logo
STMicroelectronics
STW8009 STMICROELECTRONICS-STW8009_07 Datasheet
733Kb / 66P
Mobile video DENC
15-Jun-2007
logo
Advantech Co., Ltd.
DVS-350M ADVANTECH-DVS-350M Datasheet
185Kb / 2P
Embedded/Mobile Digital Video Platform with 2.5 HDD
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com