Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810BHD Datasheet(PDF) 63 Page - STMicroelectronics

Part # STW4810BHD
Description  Power Management for Multimedia Processors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810BHD Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STW4810BHD Datasheet HTML 59Page - STMicroelectronics STW4810BHD Datasheet HTML 60Page - STMicroelectronics STW4810BHD Datasheet HTML 61Page - STMicroelectronics STW4810BHD Datasheet HTML 62Page - STMicroelectronics STW4810BHD Datasheet HTML 63Page - STMicroelectronics STW4810BHD Datasheet HTML 64Page - STMicroelectronics STW4810BHD Datasheet HTML 65Page - STMicroelectronics STW4810BHD Datasheet HTML 66Page - STMicroelectronics STW4810BHD Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
STw4810
5 Electrical and timing characteristics
Rev3
63/72
Figure 14. Propagation and clock/data skew times
TPHC
Propagation time
from Host to card
Figure 14
7ns
TPCH
Propagation time
from card to host
Figure 14
7ns
TSHC
Clock /data skew
time from host to
card
Figure 14
Reference is
CLKOUT
+/- 0.5
ns
TSCH
Clock /data skew
time from card to
host
Figure 14
Reference is
MMCLK
+/- 0.5
ns
TR
Rise time
3
ns
TF
Fall time
3
ns
C1LINE
Between
multimedia
processor &
STw4810
Bus line
capacitance
f < 52 Mhz
20(3)
pF
C2LINE
Between STw4810
& MMC card
Bus line
capacitance
f < 52 MHz
20 + 20(4)
pF
1.
Guaranteed by design
2.
MMC interface pull up resistors are in EMIF06-HCM01F2 device (7 K
Ω for CMD; 75 KΩ for Data wires)
3.
20 pF for equivalent board parasitic capacitance.
4.
20 pF for EMIF06 protection + 20 pF for board parasitic capacitance.
Table 50.
SD/MMC card interface
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
MCCLK
MCCMD
MCDATA[3:0]
MCFBCLK
t
50%
2 ns
2 ns
10%
90%
10%
90%
t
50%
TPHC
CLKOUT
CMDOUT
DATAOUT[3:0]
LATCHCLK
TPHC
MCCLK
MCCMD
MCDATA[3:0]
MCFBCLK
t
50%
2 ns
2 ns
10%
90%
10%
90%
t
50%
TPCH
CLKOUT
CMDOUT
DATAOUT[3:0]
LATCHCLK
TPCH
MCDATA[3:0]
2 ns
10%
90%
TSHC
MCCLK
50%
CLKOUT
DATAOUT[3:0]
MCDATA[3:0]
2 ns
10%
90%
TSCH
MCCLK
50%
CLKOUT
DATAOUT[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com