Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW8009A
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW8009A Datasheet HTML 6Page - STMicroelectronics STW8009A Datasheet HTML 7Page - STMicroelectronics STW8009A Datasheet HTML 8Page - STMicroelectronics STW8009A Datasheet HTML 9Page - STMicroelectronics STW8009A Datasheet HTML 10Page - STMicroelectronics STW8009A Datasheet HTML 11Page - STMicroelectronics STW8009A Datasheet HTML 12Page - STMicroelectronics STW8009A Datasheet HTML 13Page - STMicroelectronics STW8009A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Functional description
STw8009/STw8019
10/55
4
Functional description
4.1
General
STw8009/STw8019 operates either in master mode where it supplies all sync signal or in
slave mode.
The digital input is an 8-bit bus carrying Y, Cb and Cr at 13.5 MHz. Input samples are
latched in on the rising edge of the clock input signal.
STw8009/STw8019 is able to encode interlaced (in all standards) and non interlaced (in PAL
and NTSC) video.
STw8009/STw8019 outputs interlaced or non-interlaced video in PAL-B,D,G,H,I,PAL-N,PAL-
M or NTSC-M standards (“NTSC-4.43” is also possible).
The burst sequences are internally generated, subcarrier generation being performed
numerically with the 27 MHz as reference. 4-frame bursts are generated for PAL or 2-frame
bursts for NTSC. Rise and fall times of synchronization tips and burst envelope are internally
controlled according to the relevant ITU_R and SMPTE recommendations.
4.2
Master & slave modes
In master mode, STw8009/STw8019 supplies Hsync and Odd/Even sync signals (with
independently programmable polarities) to drive other blocks. STw8009/STw8019 starts
encoding and counting clock cycles as soon as the master mode has been loaded into the
control register (Reg 0). Configuration bits “Syncout_ad[1:0]” (Reg 4) allow to shift the
relative position of the sync signals by up to 3 clock cycles to cope with any YcbCr phasing.
In slave modes, several modes are available, Odd/Even+Hsync based, Vsync+Hsync
based, Odd/Even-only based, Vsync-only based or Sync-in-data based.
4.3
Auto test mode
An auto test mode is available, which causes STw8009/STw8019 to produce a color bar
pattern, in the appropriate standard, independently from the video input.
4.4
Input demultiplexor
The incoming YcbCr 4:2:2 data are demultiplexed into chroma information stream, a “blue-
difference” and a “red-difference”, and a luma information stream. Incoming data bits are
treated as blue, red or luma samples according to their relative position with respect to the
sync signals. Brightness, Saturation and Contrast are then performed on demultiplexed
data.
The ITU-R601 recommendation defines the black luma level as Y=16dec and the maximum
white luma level as Y=235dec. Similarly it defines 255 quantification levels for the color
difference components (Cr, Cb) centered around 128. Accordingly, incoming YcbCr samples
can be saturated. In this case STw8009/STw8019 provides a saturation limitation feature to
avoid having heavily saturated signal before digital to analog conversion and to avoid
generating a distorted signal at STw8009/STw8019 CVBS or Y/C outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com