Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009BS3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW8009BS3
Description  Mobile Video DENC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009BS3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW8009BS3 Datasheet HTML 43Page - STMicroelectronics STW8009BS3 Datasheet HTML 44Page - STMicroelectronics STW8009BS3 Datasheet HTML 45Page - STMicroelectronics STW8009BS3 Datasheet HTML 46Page - STMicroelectronics STW8009BS3 Datasheet HTML 47Page - STMicroelectronics STW8009BS3 Datasheet HTML 48Page - STMicroelectronics STW8009BS3 Datasheet HTML 49Page - STMicroelectronics STW8009BS3 Datasheet HTML 50Page - STMicroelectronics STW8009BS3 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
STw8009/STw8019
Electrical characteristics
47/55
7.3
Electrical and timing characteristics
Unless otherwise specified: TA=+25°C, all voltages are referenced to GND.
)
Table 23.
2 wire serial MPU control interface timing (
Figure 15)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fSCL
Clock Frequency
400
Khz
tBUF
Bus free time
1300
ns
tHD_STA
Start condition hold time
600
ns
tf
SDA & SCLK fall time
300
ns
tLOW
SCLK pulse width low
1300
ns
tr
SDA & SCLK rise time
300
ns
tHIGH
SCLK pulse width high
600
ns
tHD_DAT
Data input hold time
0
ns
tSU_DAT
Data input set up time
250
ns
tSU_STA
Start condition set up
time
600
ns
tSU_STO
Stop condition set up
time
600
ns
Table 24.
Digital I/O interface
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low voltage
All digital inputs
0.4
V
VIH
Input High voltage
All digital inputs
1.3
V
VOL
Output Low level
All digital outputs
0.2
V
VOH
Output High level
All digital outputs
1.6
V
IIL
Input Low current
All digital inputs / 0V <
Vin <
VIL
-10
10
µA
IIH
Input High current
All digital inputs / VCCIO
< Vin <
VIH
-10
10
µA
Table 25.
YcbCr data bus timing
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FCLK
Clock Frequency
27
MHz
TCLKHIGH Clock pulse width high
15
ns
TCLKLOW
Clock pulse width low
15
ns
DATHD
Data input hold time
TBD
ns
DATSU
Data input set up time
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com