Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB30MUX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSUSB30MUX
Description  Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30MUX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSUSB30MUX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 10Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 11Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 12Page - Fairchild Semiconductor FSUSB30MUX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
FSUSB30 Rev. 1.0.1
Figure 12. Channel OFF Isolation
Figure 13. Non-Adjacent Channel-to-Channel Crosstalk
Figure 14. Channel ON Capacitance
Figure 15. Channel OFF Capacitance
RT
RS
VIN
FSUSB30
GND
VSel
Network Analyzer
VOUT
GND
VS
GND
GND
OFF-Isolation = 20 Log (VOUT / VIN)
RT
GND
GND
RT
RS
VIN
FSUSB30
GND
VSel
Network Analyzer
VOUT
GND
NC
VS
GND
GND
RS and RT are functions of the application environment
(50, 75 or 100
Ω)
Crosstalk = 20 Log (VOUT / VIN)
RT
GND
GND
FSUSB30
S
Dn
Capacitance
Meter
F = 1MHz
VSel = 0 or VCC
D1n, D2n
FSUSB30
S
Dn
Capacitance
Meter
F = 1MHz
VSel = 0 or VCC
D1n, D2n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com