Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9501GC/AC-JP Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9501GC/AC-JP
Description  Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501GC/AC-JP Datasheet(HTML) 1 Page - Microchip Technology

  PD-9501GC/AC-JP Datasheet HTML 1Page - Microchip Technology PD-9501GC/AC-JP Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9501GC
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
Feature
Description
Number of Ports
1
Data Rate
10/100/1000 Mbps
AC Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current: 1.5A
AC Frequency: 50/60 Hz
Output Power
User Port Power: 60 Watts
Power over
Ethernet Output
Data Pairs 1/2 (−), 3/6 (+)
Spare Pairs 7/8 (−), 4/5 (+)
Output Voltage: 55 Vdc nominal
Dimensions
L × W × H
151 mm × 62 mm × 38 mm
5.94 in × 2.44 in × 1.5 in
Net Weight
500g
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Yellow
Channel Power Indication:
2 Pair - Blue
4 Pair - Green
Environmental
Conditions
Operating Ambient Temperature:
32⁰F to 104⁰F (0⁰C to +40⁰C)
Operating Humidity: Maximum 90%, Non-Condensing
Storage Temperature: −4⁰F to +158⁰F (−20⁰C to +70⁰C)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitude −1312 to 10,000 ft (−400 to 3048m)
Hazardous
Substances
CE, WEEE
Warranty
1 Year
Extended Warranty
Available
No
Reliability
MTBF: 240,000 Hours @ 25⁰C
Thermal Rating
34 BTU/Hr
Regulatory
Compliance
IEEE 802.3bt
Electromagnetic
Emission and
Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of
certifications
Features
• IEEE 802.bt Type 3 compliant
• IEEE 802.3af/at backward compatible
• Output power of 60W over 4-pairs is guaranteed
• Supports 10/100/1000Base-T applications
• Plug-and-play installation
• Safe: low-power devices receive only the power they need
• Automatic detection and protection of non–standard
Ethernet terminals
• Compact design fits easily in WLAN access point and IP
camera installations
microchip.com
Summary
Microchip’s PD-9501GC is a single-port solution for
remote powering of current as well as emerging
high-power applications. The PD-9501GC is designed
specifically to power IEEE 802.11n and IEEE 802.3bt
access points, Pan-Tilt-Zoom (PTZ) and dome cameras,
IP videophones, thin clients and other high-power
Ethernet end terminals with 60W of power and it is also
backwards compatible and safe to use with any IEEE
802.3af/at terminals such as VoIP phones, IP cameras
and wireless LAN access points. It can power both
existing 10/100Base-T devices and Gigabit devices such
as wireless IEEE 802.11n access points. The PD-9501GC
provides power on all 4-pairs while being backwards
compatible to IEEE 802.3af and IEEE 802.3at powered
devices.


Similar Part No. - PD-9501GC/AC-JP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9501GCI/DC MICROCHIP-PD-9501GCI/DC Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9501GCO MICROCHIP-PD-9501GCO Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-9501GCO/AC MICROCHIP-PD-9501GCO/AC Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
More results

Similar Description - PD-9501GC/AC-JP

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE60U-1BT PHIHONG-POE60U-1BT Datasheet
516Kb / 3P
60W Single Port Power over Ethernet Midspan IEEE802.3bt Compliant Power Injector
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-95XX-10GC MICROCHIP-PD-95XX-10GC Datasheet
490Kb / 2P
Multi-port IEEE802.3bt Compliant 60W PoE Midspan Family with Network Management
6/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com