Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9501GCI/DC Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9501GCI/DC
Description  Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501GCI/DC Datasheet(HTML) 1 Page - Microchip Technology

  PD-9501GCI/DC Datasheet HTML 1Page - Microchip Technology PD-9501GCI/DC Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
The Microchip PD-9501GCI is a single-port, high-power solution for remote powering of current and emerg-
ing high-power indoor applications. Generating 60W, the 9501GCI enables remote power for a new range of
applications including wireless access points, Pan-Tilt Zoom (PTZ) cameras and other IP terminals. It com-
plies to IEEE 802.3at PoE standard and is backward compatible to IEEE 802.3af. It can power both existing
10/100/1000Base-T network devices and 1000BaseT devices such as wireless IEEE wireless access points.
www.microchip.com
Power over Ethernet
PD-9501GCI/DC
Single-Port, IEEE 802.3bt Type3 60W, 20–60 VDC, Industrial PoE Midspan
Key Features
• IEEE 802.3BT type 3 compliant
• IEEE 802.3af/at backward
compatible
• Dual DC inputs 20–60 VDC range
• Industrial rated IP30
• Extended temp range:
–40ºC to +75ºC
• Plug and play installation
• Supports 10/100/1000 Mbps
Specifications
Feature
Description
No. of Ports
1
Data Rates
10/100/1000 Mbps
Power over Ethernet Output
Pin Assignment and Polarity: 1/2 (-), 3/6 (+), 4/5 (+), 7/8 (–)
Output Voltage: 55 Vdc
User Port Power
60 Watts (Guaranteed)
Input Power Requirements
DC Input Voltage: 20 to 60 Vdc
DC Input Current: 4A max
Dimensions
35 mm (W) × 111 mm (H) × 78 mm (L)
1.38 in. × 4.37 in. × 3.07 in
Weight
0.82 lbs (373g)
Indicators
Power 1 - Power 1 Source is connected
Power 2 - Power 2 Source is connected
Alarm - One of Power 1 or Power 2 sources is faulty
PoE - PoE is active and delivering power
Connectors
Shielded RJ-45, EIA 568 A and 568 B
Environmental Conditions
Operating Ambient Temperature: –40ºF to +167ºF (–40ºC to +75ºC)
Storage Temperature: –40ºF to +185ºF (–40ºC to +85ºC)
Reliability
MTBF: 170,000 hrs. @25ºC
Thermal Rating
32BTU/Hr @60 Vdc
Warranty
3 years
Regulatory Compliance
IEEE 802.3bt (PoE), RoHS Compliant, WEEE Compliant, CE
Electromagnetic Emission &
Immunity
FCC Part 15, Class A
EN 55032 Class A (Emissions)
EN 55024 (Immunity)
Safety Approvals
UL508
UL/EN/IEC 60950-1 (ed. 2)
Shock
IEC 60068-2-27
Freefall
IEC 60068-2-31
Vibration
IEC 60068-2-6


Similar Part No. - PD-9501GCI/DC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GC/AC-EU MICROCHIP-PD-9501GC/AC-EU Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GC/AC-JP MICROCHIP-PD-9501GC/AC-JP Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GC/AC-UK MICROCHIP-PD-9501GC/AC-UK Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GC/AC-US MICROCHIP-PD-9501GC/AC-US Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
More results

Similar Description - PD-9501GCI/DC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCO MICROCHIP-PD-9501GCO Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com