Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9501GCO/AC Datasheet(PDF) 2 Page - Microchip Technology

Part # PD-9501GCO/AC
Description  Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501GCO/AC Datasheet(HTML) 2 Page - Microchip Technology

  PD-9501GCO/AC Datasheet HTML 1Page - Microchip Technology PD-9501GCO/AC Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective
companies.
© 2020, Microchip Technology Incorporated. All Rights Reserved. 2/20
DS00003364A
www.microchip.com
For More Information
www.microsemi.com
Ordering Information
Product Name
Description
Part Number
9501GCO
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor
PoE Midspan with Extended Temperature Range
PD-9501GCO/AC
Outdoor MBK
MBK for ET & GCO outdoor midspans
PD-OUT/MBK/ET



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com