Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-OUT/MBK/ET Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-OUT/MBK/ET
Description  Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-OUT/MBK/ET Datasheet(HTML) 1 Page - Microchip Technology

  PD-OUT/MBK/ET Datasheet HTML 1Page - Microchip Technology PD-OUT/MBK/ET Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
Microchip’s PD-9501GCO Power over Ethernet (PoE) single-port midspan offers a cost
effective, IEEE 802.3bt type 3 compliant solution and Pre-bt support for outdoor installa-
tions, guaranteeing 60 Watts of power and ensuring safe and reliable operation in outdoor
environment of any standard PoE data terminal. It allows wireless LAN access points,
security network cameras and other IP terminals to receive power, along with data, over
standard Ethernet cables, leaving network infrastructure completely unaltered.
The PD-9501GCO also offers surge protection for both the AC and the PoE ports ensuring
the indoor equipment is protected from outdoor surges.
www.microchip.com
Power over Ethernet
PD-9501GCO Midspan
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan
With Extended Temperature Range
Features
• Outdoor rated: IP67
• Extended temperature range
–40˚C to +65˚C
• Supports IEEE 802.3bt type 3
standard PDs
• IEEE 802.3af/at backward
compatible
• One part-number for worldwide use
(AC connector)
• Supports 10/100/1000 Mbps data
rates
• Plug-and-play installation (installer
does not have to open the unit)
• Includes integrated surge protection
Specifications
Feature
Description
No. of Ports
1
Data Rates
10/100/1000 Mbps
Power over Ethernet
Output
Pin Assignment and Polarity: 4/5 (+), 7/8 (–), 1/2(–), 3/6(+)
Output Power Voltage: 54 VDC
User Port Power: 60W Guaranteed
Input Power
Requirements
AC Input Voltage: 100 to 240 Vac (±10%)
AC Input Current: 2A @ 100–240 Vac
AC Frequency: 50 to 60 Hz
Dimensions
Metal enclosure: 170 mm × 140 mm × 60 mm, 6.69 in. × 5.51 in. × 2.36 in
Weight
1.4 kg
Indicators
No LED indicators
Connectors
Shielded rugged RJ-45 (with gasket), AC connector
Environmental
Conditions
Operating Ambient Temperature: –40ºF to +149ºF (–40ºC to +65ºC)
Operating Humidity: Maximum 95%, Non-condensing
Storage Temperature: –40ºF to +185ºF (–40ºC to +85ºC)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitude: Up to 6,560 ft. (2000m)
Weather Rating: IP67, NEMA 4X
Reliability
MTBF: 200,000 hrs. @ 25ºC
Thermal Rating
35 BTU/Hr
Warranty
3 years
Regulatory Compliance
IEEE 802.3bt type 3, IEEE 802.3af/at (PoE), RoHS Compliant, WEEE Compliant, CE
Electromagnetic
Emission & Immunity
FCC Part 15, Class B, EN 55032 Class B (Emissions),
EN 55024, EN61000-4-5: Class 5 (AC lines 6kV CM/DM)
VCCI
Surge Protection
Design to meets Surge Protection as specified in:
GR-1089-CORE Issue 4
ITU-T K.21 enhanced surge level protection (6 kV on Data and AC lines)
Safety
UL/IEC/EN 60950-1 (ed.2), UL 60950-22
Other Standards and
Approvals
Dust proof and water resistance: EN60529, Approvals Level IP67; NEMA 250, Level
4X ASTM B-117 Corrosion Resistance


Similar Part No. - PD-OUT/MBK/ET

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-OUT/MBK/S MICROCHIP-PD-OUT/MBK/S Datasheet
531Kb / 3P
4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
11/20
More results

Similar Description - PD-OUT/MBK/ET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Microchip Technology
PD-9501GI MICROCHIP-PD-9501GI Datasheet
287Kb / 1P
Single Port, 60W Industrial PoE Midspan
1/21
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com