Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7450A Datasheet(PDF) 21 Page - Analog Devices

Part # AD7450A
Description  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7450A Datasheet HTML 17Page - Analog Devices AD7450A Datasheet HTML 18Page - Analog Devices AD7450A Datasheet HTML 19Page - Analog Devices AD7450A Datasheet HTML 20Page - Analog Devices AD7450A Datasheet HTML 21Page - Analog Devices AD7450A Datasheet HTML 22Page - Analog Devices AD7450A Datasheet HTML 23Page - Analog Devices AD7450A Datasheet HTML 24Page - Analog Devices AD7450A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7440/AD7450A
Rev. B | Page 21 of 28
R
5V
2.5V
0V
+2.5V
0V
–2.5V
R
R
0.1
µF
R
AD7440/
AD7450A
VREF
VIN+
VIN–
VIN
EXTERNAL
VREF (2.5V)
Figure 39. Applying a Bipolar Single-Ended Input to the AD7440/AD7450A
SERIAL INTERFACE
Figure 2 and Figure 3 show detailed timing diagrams for the
serial interface of the AD7450A and the AD7440, respectively.
The serial clock provides the conversion clock and also controls
the transfer of data from the devices during conversion. CS
initiates the conversion process and frames the data transfer.
The falling edge of CS puts the track-and-hold into hold mode
and takes the bus out of three-state. The analog input is sampled
and the conversion is initiated at this point. The conversion
requires 16 SCLK cycles to complete.
Once 13 SCLK falling edges have occurred, the track-and-hold
goes back into track on the next SCLK rising edge, as shown at
Point B in Figure 2 and Figure 3. On the 16th SCLK falling edge,
the SDATA line goes back into three-state. If the rising edge of
CS occurs before 16 SCLKs have elapsed, the conversion
terminates and the SDATA line goes back into three-state.
The conversion result from the AD7440/AD7450A is provided
on the SDATA output as a serial data stream. The bits are
clocked out on the falling edge of the SCLK input. The data
stream of the AD7450A consists of four leading zeros followed
by 12 bits of conversion data provided MSB first; the data
stream of the AD7440 consists of four leading zeros, followed by
the 10 bits of conversion data followed by two trailing zeros,
which is also provided MSB first. In both cases, the output
coding is twos complement.
Sixteen serial clock cycles are required to perform a conversion
and access data from the AD7440/AD7450A. CS going low
provides the first leading zero to be read in by the DSP or
microcontroller. The remaining data is then clocked out on the
subsequent SCLK falling edges beginning with the second
leading zero. Thus, the first falling clock edge on the serial clock
provides the second leading zero. The final bit in the data
transfer is valid on the 16th falling edge, having been clocked
out on the previous (15th) falling edge. Once the conversion is
complete and the data has been accessed after the 16 clock
cycles, it is important to ensure that before the next conversion
is initiated, enough time is left to meet the acquisition and
quiet time specifications (see Timing Examples 1 and 2). To
achieve 1 MSPS with an 18 MHz clock for VDD = 3 V and 5 V, an
18-clock burst performs the conversion and leaves enough time
before the next conversion for the acquisition and quiet time.
In applications with a slower SCLK, it may be possible to read in
data on each SCLK rising edge; that is, the first rising edge of
SCLK after the CS falling edge would have the leading zero
provided and the 15th SCLK edge would have DB0 provided.
t2
t8
t6
t5
tCONVERT
CS
SCLK
12
3
4
5
13
14
15
16
12.5(1/FSCLK)
tACQUISITION
1/THROUGHPUT
tQUIET
10ns
B
C
Figure 40. Serial Interface Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com