Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1920 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1920 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1920 Datasheet HTML 5Page - Maxim Integrated Products DS1920 Datasheet HTML 6Page - Maxim Integrated Products DS1920 Datasheet HTML 7Page - Maxim Integrated Products DS1920 Datasheet HTML 8Page - Maxim Integrated Products DS1920 Datasheet HTML 9Page - Maxim Integrated Products DS1920 Datasheet HTML 10Page - Maxim Integrated Products DS1920 Datasheet HTML 11Page - Maxim Integrated Products DS1920 Datasheet HTML 12Page - Maxim Integrated Products DS1920 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS1920
9 of 22
1-Wire BUS SYSTEM
The 1-Wire bus is a system that has a single bus master and one or more slaves. The DS1920 behaves as a
slave. The discussion of this bus system is broken down into three topics: hardware configuration,
transaction sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open-
drain or 3-state outputs. The 1-Wire port of the DS1920 (data contact) is open drain with an internal
circuit equivalent to that shown in Figure 8. A multidrop bus consists of a 1-Wire bus with multiple
slaves attached. The 1-Wire bus requires a pullup resistor of approximately 5k
Ω. The idle state for the
1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle
state if the transaction is to resume. If this does not occur and the bus is left low for more than 120
µs, one
or more of the devices on the bus will be reset.
HARDWARE CONFIGURATION Figure 8
TRANSACTION SEQUENCE
The protocol for accessing the DS1920 via the 1-Wire port is as follows:
 Initialization
 ROM Function Command
 Memory/Control Function Command
 Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the
slave(s).
The presence pulse lets the bus master know that the DS1920 is on the bus and is ready to operate. For
more details, see the 1-Wire Signaling section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com