Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3580 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPD3580
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPD3580 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPD3580 Datasheet HTML 1Page - Qorvo, Inc RFPD3580 Datasheet HTML 2Page - Qorvo, Inc RFPD3580 Datasheet HTML 3Page - Qorvo, Inc RFPD3580 Datasheet HTML 4Page - Qorvo, Inc RFPD3580 Datasheet HTML 5Page - Qorvo, Inc RFPD3580 Datasheet HTML 6Page - Qorvo, Inc RFPD3580 Datasheet HTML 7Page - Qorvo, Inc RFPD3580 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision DS20160304
- 1 of 8 -
Disclaimer: Subject to change without notice
© 2016RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFMD + TriQuint = Qorvo
RFPD3580
GaAs/GaN Power Doubler Hybrid
45MHz to 1218MHz
The RFPD3580 is a Hybrid Power Doubler amplifier module. The
part employs GaAs pHEMT die and GaN HEMT die and operates
from 45MHz to 1218MHz. It provides extremely high output up to
76.8dBmV composite power or 67dBmV virtual level. DC current as
well as supply voltage of the device can be externally adjusted for
optimum distortion performance versus power consumption over a
wide range of output level.
Functional Block Diagram
Ordering Information
RFPD3580
Box with 50 pieces
Package: SOT-115J
Features
■
Extremely High Output
Capability
■
Excellent Linearity
■
Superior Return Loss
Performance
■
Optimal Reliability
■
Unconditionally Stable Under
All Terminations
■
22.5dB Min. Gain at 1218MHz
■
550mA Max.
■
Devices works at V+ between
24V and 34V
Applications
■
45MHz to 1218MHz CATV
Amplifier Systems
■
DOCSIS 3.1 Compliant
INPUT
OUTPUT
V+
Current setting
RFPD3580


Similar Part No. - RFPD3580

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid
More results

Similar Description - RFPD3580

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3190 RFMD-RFPD3190 Datasheet
242Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com