Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPD3540 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFPD3540
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPD3540 Datasheet(HTML) 5 Page - Qorvo, Inc

  RFPD3540 Datasheet HTML 1Page - Qorvo, Inc RFPD3540 Datasheet HTML 2Page - Qorvo, Inc RFPD3540 Datasheet HTML 3Page - Qorvo, Inc RFPD3540 Datasheet HTML 4Page - Qorvo, Inc RFPD3540 Datasheet HTML 5Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Revision DS20160126
- 5 of 5 -
Disclaimer: Subject to change without notice
© 2016 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFPD3540
RFMD + TriQuint = Qorvo
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web:
www.rfmd.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
For information about the merger of RFMD and TriQuint as Qorvo:
Web:
www.qorvo.com
Important Notice
The information contained herein is believed to be reliable. RFMD makes no warranties regarding the information contained
herein. RFMD assumes no responsibility or liability whatsoever for any of the information contained herein. RFMD assumes
no responsibility or liability whatsoever for the use of the information contained herein. The information contained herein is
provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with the user.
All information contained herein is subject to change without notice. Customers should obtain and verify the latest relevant
information before placing orders for RFMD products. The information contained herein or any use of such information does
not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with
regard to such information itself or anything described by such information.
RFMD products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com