Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5071 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # RFFC5071
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button RFFC5071 Datasheet HTML 6Page - Qorvo, Inc RFFC5071 Datasheet HTML 7Page - Qorvo, Inc RFFC5071 Datasheet HTML 8Page - Qorvo, Inc RFFC5071 Datasheet HTML 9Page - Qorvo, Inc RFFC5071 Datasheet HTML 10Page - Qorvo, Inc RFFC5071 Datasheet HTML 11Page - Qorvo, Inc RFFC5071 Datasheet HTML 12Page - Qorvo, Inc RFFC5071 Datasheet HTML 13Page - Qorvo, Inc RFFC5071 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10 of 26
RFFC5071/5072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
ULATION bits, the VCO frequency is instantly updated. An arbitrary frequency modulation can then be performed dependant
only on the rate at which values are written into the FMOD register.
The modulation frequency is calculated according to the following formula:
Where MODULATION is a 2's complement number and FPD is the phase detector frequency.
Programming Information
The RFFC5071 and RFFC5072 share a common serial interface and control block. Please refer to the Register Maps and Pro-
gramming Guide which are available for download from http://rfmd.com/products/IntSynthMixer/.
Evaluation Boards
Evaluation boards for RFFC5071 and RFFC5072 are provided as part of a design kit, along with the necessary cables and pro-
gramming software tool to enable full evaluation of the device. Design kits can be ordered from www.rfmd.com or from local
RFMD sales offices and authorized sales channels. For ordering codes please see “Ordering Information” on page 26.
For further details on how to set up the design kits go to http://rfmd.com/products/IntSynthMixer/.
The standard evaluation boards are configured with 3.7GHz ceramic baluns on the RF ports and wideband transformers on the
IF ports. On the RFFC5071 evaluation board, mixer 1 is configured for down-conversion and mixer 2 is configured for up-con-
version. On the RFFC5072 evaluation board, mixer 2 is configured for down conversion.
FMOD
2
MODSTEP F
PD
MODULATION
 2
16

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com