Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5071ASB Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RFFC5071ASB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5071ASB Datasheet(HTML) 5 Page - Qorvo, Inc

  RFFC5071ASB Datasheet HTML 1Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 2Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 3Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 4Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 5Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 6Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 7Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 8Page - Qorvo, Inc RFFC5071ASB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
5 of 27
www.qorvo.com
®
Pin Names and Descriptions
Pin
Name
Description
1
ENBL/GPO5
Device Enable pin (see note 1 and 2).
2
EXT_LO
External local oscillator input (See note 4)
3
EXT_LO_DEC
Decoupling pin for external local oscillator (See note 4).
4
REXT
External bandgap bias resistor (See note 3).
5
ANA_VDD1
Analog supply. Use good RF decoupling.
6
LFILT1
Phase detector output. Low-frequency noise-sensitive node.
7
LFILT2
Loop filter op-amp output. Low-frequency noise-sensitive node.
8
LFILT3
VCO control input. Low-frequency noise-sensitive node.
9
MODE/GPO6
Mode select pin (See note 1 and 2).
10
REF_IN
Reference input. Use AC coupling capacitor.
11
NC
12
TM
Connect to ground.
13
MIX1_IPN
Differential input 1 (see note 4). On RFFC5072A this pin is NC.
14
MIX1_IPP
Differential input 1 (see note 4). On RFFC5072A this pin is NC.
15
GPO1/ADD1
General purpose output / MultiSlice address bit.
16
GPO2/ADD2
General purpose output / MultiSlice address bit.
17
MIX1_OPN
Differential output 1 (see note 5). On RFFC5072A this pin is NC.
18
MIX1_OPP
Differential output 1 (see note 5). On RFFC5072A this pin is NC.
19
DIG_VDD
Digital supply. Should be decoupled as close to the pin as possible.
20
NC
Leave circuit open.
21
NC
22
ANA_VDD2
Analog supply. Use good RF decoupling.
23
MIX2_IPP
Differential input 2 (see note 4).
24
MIX2_IPN
Differential input 2 (see note 4).
25
GPO3/FM
General purpose output / frequency control input.
26
GPO4/LD/DO
General purpose output / Lock detect output / serial data out.
27
MIX2_OPN
Differential output 2. (see note 5).
28
MIX2_OPP
Differential output 2. (see note 5).
29
RESETX
Chip reset (active low). Connect to DIG_VDD if asynchronous reset is not required.
30
ENX
Serial interface select (active low) (See note 1).
31
SCLK
Serial interface clock (see note 1).
32
SDATA
Serial interface data (see note 1).
Exposed Paddle
Ground reference, should be connected to PCB ground through a low impedance path.
Notes:
1.
An RC low-pass filter could be used on this line to reduce digital noise.
2.
If the device is under software control this input can be configured as a general purpose output (GPO).
3.
Connect a 51 k
 resistor from this pin to ground. This pin is sensitive to low frequency noise injection.
4.
DC voltage should not be applied to this pin. Use either an AC coupling capacitor as part of lumped element matching
network or a transformer (see application schematic).
5.
This pin must be connected to ANA_VDD2 using an RF choke or transformer (see application schematic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com