Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5061 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # RFFC5061
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5061 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button RFFC5061 Datasheet HTML 17Page - Qorvo, Inc RFFC5061 Datasheet HTML 18Page - Qorvo, Inc RFFC5061 Datasheet HTML 19Page - Qorvo, Inc RFFC5061 Datasheet HTML 20Page - Qorvo, Inc RFFC5061 Datasheet HTML 21Page - Qorvo, Inc RFFC5061 Datasheet HTML 22Page - Qorvo, Inc RFFC5061 Datasheet HTML 23Page - Qorvo, Inc RFFC5061 Datasheet HTML 24Page - Qorvo, Inc RFFC5061 Datasheet HTML 25Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21 of 25
RFFC5061/62
DS110614
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: RF Mixers, RFFC5061 and RFFC5062
VDD=+3V and TA=+27°C unless stated. As measured on RFFC5061/5062 wideband evaluation board.
See application schematic on page 13. Note: Mixer 1 plots only apply to RFFC5061.
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 1 Output
RF Input Power 0dBm, MIX1_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
400.0
600.0
800.0
1000.0
1200.0
1400.0
1600.0
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 2 Output
RF Input Power 0dBm, MIX2_IDD = 4
IF Output at 100MHz
LO Leakage (High Side)
RF Leakage
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
200
400
600
800 1000 1200 1400 1600 1800 2000
LO Frequency (MHz)
Typical LO Leakage at Mixer Output
+3.0V Supply Voltage
Path 1, -40 Deg C
Path 1, +27 Deg C
Path 1, +85 Deg C
Path 2, -40 Deg C
Path 2, +27 Deg C
Path 2, +85 Deg C
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
500
1000
1500
2000
2500
RF Input Frequency (MHz)
Mixer to Mixer Isolation in Full Duplex Mode
LO = RF input + 100MHz
MIX_IDD = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com