Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFC5072ASB
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5072ASB Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFC5072ASB Datasheet HTML 1Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 2Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 3Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 4Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 5Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 6Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 7Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 8Page - Qorvo, Inc RFFC5072ASB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
1 of 27
www.qorvo.com
®
Package: QFN, 32-Pin, 5mm x 5mm
Product Overview
The RFFC5071A and RFFC5072A are re-configurable
frequency conversion devices with integrated fractional-N
phased locked loop (PLL) synthesizer, voltage controlled
oscillator (VCO) and either one or two high linearity mixers.
The fractional-N synthesizer takes advantage of an
advanced sigma-delta modulator that delivers ultra-fine
step sizes and low spurious products. The VCO features
temperature compensation circuits that deliver stable
performance across the operating temperature range of -
40 °C to +85 °C. The PLL/VCO engine combined with an
external loop filter allows the user to generate local
oscillator (LO) signals from 85 MHz to 4200 MHz. The LO
signal is buffered and routed to the integrated RF mixers
which are used to up/down-convert frequencies ranging
from 30 MHz to 6000 MHz. The mixer bias current is
programmable and can be reduced for applications
requiring lower power consumption. Both devices can be
configured to work as signal sources by bypassing the
integrated mixers. Device programming is achieved via a
simple 3-wire serial interface. In addition, a unique
programming mode allows up to four devices to be
controlled from a common serial bus. This eliminates the
need for separate chip-select control lines between each
device and the host controller. Up to six general purpose
outputs are provided, which can be used to access internal
signals (the LOCK signal, for example) or to control front
end components. Both devices operate with a 2.7 V to
3.3 V power supply.
Functional Block Diagram
Functional Block Diagram
– Top View
Key Features
• 85 MHz to 4200 MHz LO Frequency Range
• Fractional-N Synthesizer with Very Low
Spurious Levels
• Typical Step Size 1.5 Hz
• Fully Integrated Low Phase Noise VCO and LO Buffers
• Integrated Phase Noise
− 0.18° rms at 1 GHz
− 0.52° rms at 3 GHz
• High Linearity RF Mixer(s)
• 30 MHz to 6000 MHz Mixer Frequency Range
• Input IP3 +23 dBm
• Mixer Bias Adjustable for Low Power Operation
• Full Duplex Mode (RFFC5071A)
• 2.7 V to 3.3 V Power Supply
• Low Current Consumption
• 3- or 4-Wire Serial Interface
Applications
• Wideband Radios
• Distributed Antenna Systems
• Diversity Receivers
• Software Defined Radios
• Frequency Band Shifters
• Point-to-Point Radios
• WiMax/LTE Infrastructure
• Satellite Communications
• Wideband Jammers
• Remote Radio Heads
RFFC5071A
Synth
Ref.
divider
Phase
det.
RFFC5072A
Synth
Ref.
divider
Phase
det.


Similar Part No. - RFFC5072ASB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFC5072ASB RFMD-RFFC5072ASB Datasheet
2Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results

Similar Description - RFFC5072ASB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFC5071 RFMD-RFFC5071 Datasheet
3Mb / 20P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
RFFC5061 RFMD-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5071A RFMD-RFFC5071A Datasheet
2Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
logo
Analog Devices
ADF4356 AD-ADF4356 Datasheet
790Kb / 35P
6.8 GHz Wideband Synthesizer with Integrated VCO
REV. 0
ADF4351 AD-ADF4351_17 Datasheet
704Kb / 28P
Wideband Synthesizer with Integrated VCO
1/2017-Rev. 0 to Rev. A
ADF4350 AD-ADF4350_16 Datasheet
815Kb / 34P
Wideband Synthesizer with Integrated VCO
5/16-Rev. A to Rev. B
ADF4356 AD-ADF4356_17 Datasheet
752Kb / 35P
6.8 GHz Wideband Synthesizer with Integrated VCO
6/2017-Rev. 0 to Rev. A
logo
Qorvo, Inc
RFFC5071 QORVO-RFFC5071 Datasheet
3Mb / 26P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC5061 QORVO-RFFC5061 Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
RFFC506X QORVO-RFFC506X Datasheet
4Mb / 25P
WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com