Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASQ Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFFC5072ASQ
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5072ASQ Datasheet(HTML) 3 Page - Qorvo, Inc

  RFFC5072ASQ Datasheet HTML 1Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 2Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 3Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 4Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 5Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 6Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 7Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 8Page - Qorvo, Inc RFFC5072ASQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
3 of 27
www.qorvo.com
®
Electrical Specifications
Parameter
Condition
Min
Typ.
Max
Units
Operating Conditions
Supply Voltage (VDD)
2.7
3.0
3.3
V
Temperature (TOP)
-40
+85
°C
Logic Inputs/Outputs (VDD = Supply to DIG_VDD pin)
Input Low Voltage
-0.3
+0.5
V
Input High Voltage
VDD / 1.5
VDD
V
Input Low Current
Input = 0 V
-10
+10
A
Input High Current
Input = VDD
-10
+10
A
Output Low Voltage
0
0.2*VDD
V
Output High Voltage
0.8*VDD
VDD
V
Load Resistance
10
kΩ
Load Capacitance
20
pF
GPO Drive Capability
Sink Current
At VOL = +0.6 V
20
mA
Source Current
At VOL = +2.4 V
20
mA
Output Impedance
25
Ω
Static
Supply Current (IDD) with
1 GHz LO
Low current, MIX_IDD = 1,
one mixer enabled.
106
mA
High linearity, MIX_IDD = 6,
one mixer enabled.
132
mA
Standby
Reference oscillator and bandgap only.
2
mA
Power Down Current
ENBL = 0 and REF_STBY = 0
300
A
Mixer 1/2 (Mixer output driving 4:1 balun)
Gain
Not including balun losses
-2
dB
Noise Figure <3000 MHz
Low current setting
10
dB
High linearity setting
13
dB
Noise Figure <4000 MHz
Low current setting
11
dB
High linearity setting
15
dB
IIP3
Low current setting
+10
dBm
High linearity setting
+23
dBm
Input Port Frequency Range
30
6000
MHz
Mixer Input Return Loss
100
Ω differential
10
dB
Output Port Frequency Range
30
4500
MHz
Mixer 1/2 (Mixer output driving 1:1 balun)
Output Port Frequency Range
30
6000
MHz
Gain
Not including balun losses
-7
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com