Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFFC5072ASR Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFC5072ASR
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5072ASR Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFC5072ASR Datasheet HTML 1Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 2Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 3Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 4Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 5Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 6Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 7Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 8Page - Qorvo, Inc RFFC5072ASR Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
RFFC5071A/2A
WIDEBAND SYNTHESIZER/VCO WITH
INTEGRATED 6 GHz MIXER
Data Sheet Rev. D, August 22, 2019 | Subject to change without notice
4 of 27
www.qorvo.com
®
Electrical Specifications
Parameter
Condition
Min
Typ
Max
Units
Reference Oscillator
External Reference Frequency
10
104
MHz
Reference Divider Ratio
1
7
External Reference Input Level
AC-Coupled
500
800
1500
mVp-p
Synthesizer (PLL Closed Loop, 52 MHz Reference)
Synthesizer Output Frequency
85
4200
MHz
Phase Detector Frequency
52
MHz
Phase Noise (LO = 1 GHz)
10 kHz offset
-108
dBc/Hz
100 kHz offset
-107
dBc/Hz
1 MHz offset
-135
dBc/Hz
RMS integrated from 1 kHz to 40 MHz
0.18
°
Phase Noise (LO = 2 GHz)
10 kHz offset
-102
dBc/Hz
100 kHz offset
-101
dBc/Hz
1 MHz offset
-130
dBc/Hz
RMS integrated from 1 kHz to 40 MHz
0.33
°
Phase Noise (LO = 3 GHz)
10 kHz offset
-98
dBc/Hz
100 kHz offset
-98
dBc/Hz
1 MHz offset
-125
dBc/Hz
RMS integrated from 1 kHz to 40 MHz
0.52
°
Phase Noise (LO = 4 GHz)
10 kHz offset
-96
dBc/Hz
100 kHz offset
-95
dBc/Hz
1 MHz offset
-124
dBc/Hz
RMS integrated from 1 kHz to 40 MHz
0.67
°
Normalized Phase Noise Floor
Measured at 20 kHz to 30 kHz offset
-214
dBc/Hz
Voltage Controlled Oscillator
Open Loop Phase Noise at
1 MHz offset
2.5 GHz LO Frequency
VCO3, LO Divide by 2
-133
dBc/Hz
2.0 GHz LO Frequency
VCO2, LO Divide by 2
-134
dBc/Hz
1.5 GHz LO Frequency
VCO1, LO Divide by 2
-136
dBc/Hz
Open Loop Phase Noise at
10 MHz offset
2.5 GHz LO Frequency
VCO3, LO Divide by 2
-149
dBc/Hz
2.0 GHz LO Frequency
VCO2, LO Divide by 2
-150
dBc/Hz
1.5 GHz LO Frequency
VCO1, LO Divide by 2
-151
dBc/Hz
External LO Input
LO Input Frequency Range
LO Divide by 1
85
4200
MHz
LO Input Frequency Range
LO Divide by 2
85
5400
MHz
External LO Input Level
Driven from 50
 Source Via a 1:1 Balun
0
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com