Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7321 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RF7321
Description  3V LTE Band 11, 21 Linear PA Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF7321 Datasheet(HTML) 2 Page - Qorvo, Inc

  RF7321 Datasheet HTML 1Page - Qorvo, Inc RF7321 Datasheet HTML 2Page - Qorvo, Inc RF7321 Datasheet HTML 3Page - Qorvo, Inc RF7321 Datasheet HTML 4Page - Qorvo, Inc RF7321 Datasheet HTML 5Page - Qorvo, Inc RF7321 Datasheet HTML 6Page - Qorvo, Inc RF7321 Datasheet HTML 7Page - Qorvo, Inc RF7321 Datasheet HTML 8Page - Qorvo, Inc RF7321 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
RF7321
DS120906
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
POUT = 28. dBm
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Standby Mode
6.0
V
Supply Voltage in Idle Mode
6.0
V
Supply Voltage in Operating Mode
6.0
V
Supply Voltage, VBAT
6.0
V
Control Voltage: VMODE0, VMODE1
3.5
V
Control Voltage: VEN
3.5
V
RF - Input Power
+10
dBm
RF - Output Power
+30
dBm
Output Load VSWR (Ruggedness)
10:1
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
Operating Frequency Range
1427.9
1462.9
MHz
VBAT
+3.0
+3.8
+4.4
V
VCC
+0.51
+3.4
+4.35
V
VEN, low level
0
0.5
V
PA disabled
VEN, High level
1.5
1.8
3.1
V
PA enabled
VMODE0, VMODE1, low level
0
0.5
V
For a logic "low"
VMODE0, VMODE1, high level
1.5
1.8
3.1
V
For a logic "high"
Output Power (POUT)
Rel 99 Maximum Linear Output
(HP)
+28.52
dBm
High Power Mode (HP)
Rel 99 Maximum Linear Output
(MP)
+172
dBm
Medium Power Mode (MP)
Rel 99 Maximum Linear Output (LP)
+72
dBm
Low Power Mode (LP)
LTE Maximum Linear Output (HP)
+27.52
dBm
High Power Mode (HP), MPR=0
LTE Maximum Linear Output (MP)
+162
dBm
Medium Power Mode (MP), MPR=0
LTE Maximum Linear Output (LP)
+62
dBm
Low Power Mode (LP), MPR=0
Ambient Temperature
-30
25
+85
°C
Notes:
[1] VCC down to 0.5V may be used for backed-off power when using DC-DC converter to reduce low power current drain.
[2] For operation at VCC=3.0V, de-rate POUT by 1.0dB and at VCC=3.2V de-rate POUT by 0.5dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com