Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6549 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RF6549
Description  2.7V to 4.4V, 915MHz Transmit/Receive Module; Thru Mode 400MHz to 928MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF6549 Datasheet(HTML) 5 Page - Qorvo, Inc

  RF6549 Datasheet HTML 1Page - Qorvo, Inc RF6549 Datasheet HTML 2Page - Qorvo, Inc RF6549 Datasheet HTML 3Page - Qorvo, Inc RF6549 Datasheet HTML 4Page - Qorvo, Inc RF6549 Datasheet HTML 5Page - Qorvo, Inc RF6549 Datasheet HTML 6Page - Qorvo, Inc RF6549 Datasheet HTML 7Page - Qorvo, Inc RF6549 Datasheet HTML 8Page - Qorvo, Inc RF6549 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF6549
DS121212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance
29
30
31
32
33
34
35
36
37
15
17
19
21
23
25
27
29
Pout(dBm)
PA Gain(dB) Vs POUT(dBm)
PA VCC & VCCDIG = 4.2V ;LNA VCC = 0V
CTL1 & CTL5 = 4V, CTL2, CTL3 & CTL5 = 0V
Freq= 902, 915 & 928 MHz, Temp = 25°C
902 MHz
915 MHz
928 MHz
0
5
10
15
20
25
30
-35
-25
-15
-5
5
Pin(dB)
PA Pin(dB) Vs. POUT(dB)
PA VCC & VCCDIG = 4.2V ;LNA VCC = 0V
CTL1 & CTL4 = 4V, CTL2, CTL3 & CTL5 = 0V
Freq = 915MHz
-40 °C
25 °C
85 °C
0
5
10
15
20
25
30
-35
-30
-25
-20
-15
-10
-5
0
5
Pin(dB)
PA Pin(dB) Vs POUT(dB)
PA VCC & VCCDIG = 4.2V ;LNA VCC = 0V
CTL1 & CTL4 = 4V, CTL2, CTL3 & CTL5 = 0V
Temp = 25°C
902 MHz
915 MHz
928 MHz
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
350
450
550
650
750
850
950
Freq(MHz)
450 RFIO to Antenna
Inser on Loss(dB) Vs Freq(MHz)
PPA VCC & VCCDIG = 4.2V ;LNA VCC = 0V
CTL1, CTL2, CTL4 & CTL5 = 4V, CTL3 = 0V
-40 °C
25 °C
85 °C
25
27
29
31
33
35
37
15
17
19
21
23
25
27
29
Pout(dBm)
PA Gain(dB) Vs POUT(dBm)
PA VCC & VCCDIG = 4.2V ;LNA Vcc = 0V
CTL1 & CTL4 = 4V , CTL2, CTL3 & CTL5 = 0V
Freq= 915, Temp = - 40°, 25° & 85°C
-40 °C
25 °C
85 °C
20
22
24
26
28
30
32
34
36
38
40
868
878
888
898
908
918
928
Freq(MHz)
Pa Gain(dB) Vs Freq(MHz)
PA VCC & VCCDIG = 4V ;LNA VCC = 0V
CTL1 & CTL4 = 3.8V, CTL2, CTL3 & CTL5= 0V
Pout = 27dBm
-40 °C
25 °C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com