Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17633 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17633
Description  3.3V Output-Voltage Application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17633 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17633 Datasheet HTML 1Page - Maxim Integrated Products MAX17633 Datasheet HTML 2Page - Maxim Integrated Products MAX17633 Datasheet HTML 3Page - Maxim Integrated Products MAX17633 Datasheet HTML 4Page - Maxim Integrated Products MAX17633 Datasheet HTML 5Page - Maxim Integrated Products MAX17633 Datasheet HTML 6Page - Maxim Integrated Products MAX17633 Datasheet HTML 7Page - Maxim Integrated Products MAX17633 Datasheet HTML 8Page - Maxim Integrated Products MAX17633 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17633
3.3V Output-Voltage Application
MAX17633AEVKIT# Evaluation Kit
(VIN = 24V, L = 5.6μH (XAL5050-562ME), fSW = 500kHz, unless otherwise noted.)
MAX17633A EV Kit Performance Report
0
10
20
30
40
50
60
70
80
90
100
0
500
1000 1500 2000 2500 3000 3500
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc01
VIN = 4.5V
VIN = 12V VIN = 24V
VIN = 36V
CONDITIONS: PWM MODE
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
500
1000 1500 2000 2500 3000 3500
LOAD CURRENT (mA)
LINE AND LOAD REGULATION
toc04
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
CONDITIONS: PWM MODE
5V/div
2V/div
toc07
2ms/div
VEN/UVLO
VOUT
SOFT-START/SHUTDOWN FROM EN/UVLO
ILX
VRESET
5V/div
2A/div
CONDITIONS: PWM MODE, 3.5A LOAD CURRENT
5V/div
2V/div
toc08
2ms/div
VEN/UVLO
VOUT
SOFT-START WITH PRE-BIAS OF VOLTAGE 1.65V
ILX
VRESET
5V/div
2A/div
CONDITIONS: PWM MODE, 35mA LOAD CURRENT
50
55
60
65
70
75
80
85
90
95
100
10
100
1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc02
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
CONDITIONS: PFM MODE
3.25
3.27
3.29
3.31
3.33
3.35
3.37
3.39
0
500
1000 1500 2000 2500 3000 3500
LOAD CURRENT (mA)
LINE AND LOAD REGULATION
toc05
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
CONDITIONS: PFM MODE
0
10
20
30
40
50
60
70
80
90
100
50
500
5000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
toc03
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
CONDITIONS: DCM MODE
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
500
1000 1500 2000 2500 3000 3500
LOAD CURRENT (mA)
LINE AND LOAD REGULATION
toc06
VIN = 4.5V
VIN = 12V
VIN = 24V
VIN = 36V
CONDITIONS: DCM MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com