Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM58 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # CSM58
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

CSM58 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  CSM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. CSM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. CSM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. CSM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. CSM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Multiturn absolute encoder
CSM58
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
CSM58
Features
• Industrial standard
housing Ø58 mm
• Recessed hollow shaft
•30 Bit multiturn
• Galvanically isolated CAN
interface
•2 limit switches
• 8 programmable cams
• Velocity and acceleration output
• Event triggered process data
transfer
Description
Absolute encoders deliver an absolute step value
for each angle setting. All these values are
represented by code samples on one or more code
disks which are sampled by a photoelectric array.
The absolute encoder has a maximum basic
resolution of 65536 steps per revolution (16 Bits). In
the multiturn design, additional up to
16384 revolutions (14 Bits) can be resolved. This
results in a total maximum resolution of
1073741824 steps (30 Bits).
The encoders integrated CAN bus interface
supports all CANopen functions. The following
operating modes can be programmed, and can be
selectively turned on or off:
•
Polled mode
•Cyclic mode
•Sync mode
The absolute encoder is mounted directly onto the
application shaft, without any coupling. Rotation of
the encoder is prevented by a torque rest. The bus
electronics module is integrated into the removable
housing cover. This makes it possible to mount or
replace the encoder and the bus electronics
separately during installation or service.
Technical data
General specifications
Detection type
photoelectric sampling
Device type
Multiturn absolute encoder
Functional safety related parameters
MTTFd
70 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
No-load supply current I0
max. 230 mA at 10 V DC
max. 100 mA at 24 V DC
Time delay before availability tv
< 250 ms
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
binary code
Code course (counting direction)
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
CANopen
Resolution
Single turn
up to 16 Bit
Multiturn
14 Bit
Overall resolution
up to 30 Bit
Transfer rate
max. 1 MBit/s
Standard conformity
communication profile: DS 301
Device profiles: DS 406 and DS 417 , programmable
according to class 2
Connection
Terminal compartment
in removable housing cover
Standard conformity
Degree of protection
DIN EN 60529, IP65
IP66 (with shaft seal)
Climatic testing
DIN EN 60068-2-30 , no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 20 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 600 g (combination 1)
approx. 1200 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm (version without shaft seal)
Tightening torque, fastening screws
max. 1.8 Nm
Shaft load
Angle offset
± 0.9 °
Axial offset
static: ± 0.3 mm, dynamic: ± 0.1 mm
Radial offset
static: ± 0.5 mm, dynamic: ± 0.2 mm
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source


Similar Part No. - CSM58

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM58261 CHINASEMI-CSM58261 Datasheet
231Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM58261 CHINASEMI-CSM58261 Datasheet
230Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM58261 CHINASEMI-CSM58261 Datasheet
229Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM58261EG CHINASEMI-CSM58261EG Datasheet
230Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM58261SG CHINASEMI-CSM58261SG Datasheet
231Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
More results

Similar Description - CSM58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com