Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MINISO-8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MINISO-8
Description  8-LEAD MINI SMALL OUTLINE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MINISO-8 Datasheet(HTML) 1 Page - STMicroelectronics

  MINISO-8 Datasheet HTML 1Page - STMicroelectronics MINISO-8 Datasheet HTML 2Page - STMicroelectronics MINISO-8 Datasheet HTML 3Page - STMicroelectronics MINISO-8 Datasheet HTML 4Page - STMicroelectronics MINISO-8 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
1.1
0.043
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
0.78
0.86
0.94
0.031
0.034
0.037
b
0.25
0.33
0.40
0.010
0.13
0.016
c
0.13
0.18
0.23
0.005
0.007
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.75
4.90
5.05
0.187
0.193
0.199
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65
0.026
K0°
6°
0°
6°
L
0.40
0.55
0.70
0.016
0.022
0.028
L1
0.10
0.004
March 2003
1/4
PACKAGE AND
PACKING INFORMATION
miniSO-8
Weight: not available
8-LEAD MINI
SMALL OUTLINE


Similar Part No. - MINISO-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MINISO8 ETC1-MINISO8 Datasheet
72Kb / 1P
MINISO8
More results

Similar Description - MINISO-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
TSSO20 STMICROELECTRONICS-TSSO20 Datasheet
57Kb / 4P
20-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
Small Outline, 5 Lead, High Speed Optocouplers
logo
STMicroelectronics
SOT23-3L STMICROELECTRONICS-SOT23-3L Datasheet
115Kb / 4P
3-LEAD SMALL OUTLINE TRANSISTOR 23
May-2004
TSSOP14 STMICROELECTRONICS-TSSOP14 Datasheet
58Kb / 4P
14-LEAD THIN SHRINK SMALL OUTLINE
Nov-2002
SO-8 STMICROELECTRONICS-SO-8 Datasheet
56Kb / 5P
8-LEAD SMALL OUTLINE PACKAGE
Feb-2005
logo
Analog Devices
R-8 AD-R-8 Datasheet
153Kb / 1P
8-Lead Standard Small Outline Package [SOIC_N] Narrow Body Dimensions
RM-8 AD-RM-8 Datasheet
127Kb / 1P
8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
Small Outline, 5 Lead, High Speed Optocouplers
logo
Bourns Electronic Solut...
8-SOIC BOURNS-8-SOIC Datasheet
139Kb / 4P
8-Pin Plastic Small Outline Surface Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com