Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1721S/T&R Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1721S/T&R
Description  2-Wire Digital Thermometer and Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1721S/T&R Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1721S/T&R Datasheet HTML 2Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 3Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 4Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 5Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 6Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 7Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 8Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 9Page - Maxim Integrated Products DS1721S/T&R Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS1721
6 of 17
R0, R1 = Thermometer Resolution Bits. Table 3 below defines the resolution of the digital thermometer,
based on the settings of these two bits. There is a direct tradeoff between resolution and conversion time,
as depicted in the DC Electrical Characteristics: Digital Thermometer table. The designer has read/write
access to R0 and R1, and the default state is R0="1" and R1="1" (12-bit conversions).
THERMOMETER RESOLUTION CONFIGURATION Table 3
R1
R0
THERMOMETER
RESOLUTION
MAX
CONVERSION
TIME
0
0
9-BIT
93.75ms
0
1
10-BIT
187.5ms
1
0
11-BIT
375ms
1
1
12-BIT
750ms
X = Undefined. These bits are used internally by the DS1721.
DONE = Temperature Conversion Status Bit. "1" = conversion complete and "0" = conversion in
progress. The DONE bit is read-only, and the power-up state is "1". In the continuous conversion mode,
DONE = "0".
Thermostat Setpoints Programming
The thermostat registers (TH and TL) define the setpoints for operation of the TCOM output. The
respective register can be accessed over the 2-wire bus via the Access TH (A1h) or Access TL (A2h)
commands. Reading from or writing to the respective register is controlled by the state of the R/ W bit in
the 2-wire control byte (See “2-Wire Serial Data Bus” section).
The format of the TH and TL registers is a 12-bit 2’s complement representation of the temperature in °C.
The user can program the number of bits (9, 10, 11, or 12) for each TH and TL that correspond to the
thermometer resolution configuration chosen. If the 9-bit mode is chosen, for example, the 3 least
significant bits of TH and TL will be ignored by the thermostat comparator. The format for both TH and
TL is shown in Figure 4. The power-up default of TH is 80°C and that for TL is 75°C.
TEMPERATURE/DATA RELATIONSHIPS Figure 4
S
26
25
24
23
22
21
20
MSB
MSb
(UNIT = °C)
LSb
2-1
2-2
2-3
2-4
0
0
0
0
LSB
TEMP
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+80°C
0101 0000 0000 0000
5000h
+75°C
0100 1011 0000 0000
4B00h
+10.125°C
0000 1010 0010 0000
0A20h
+0.5°C
0000 0000 1000 0000
0080h
+0°C
0000 0000 0000 0000
0000h
-0.5°C
1111 1111 1000 0000
FF80h
-10.125°C
1111 0101 1110 0000
F5E0h
-25.0625°C
1110 0110 1111 0000
E6F0h
-55°C
1100 1001 0000 0000
C900h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com