Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2G6003028-FS Datasheet(PDF) 21 Page - Qorvo, Inc

Part # T2G6003028-FS
Description  30W, 28V DC ??6 GHz, GaN RF Power Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

T2G6003028-FS Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button T2G6003028-FS Datasheet HTML 13Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 14Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 15Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 16Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 17Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 18Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 19Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 20Page - Qorvo, Inc T2G6003028-FS Datasheet HTML 21Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
T2G6003028-FS
30W, 28V DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev B 02-01-16
- 21 of 21 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about Qorvo:
Web:
www.qorvo.com
Tel:
+1.972.994.8465
Email: info-sales@qorvo.comFax:
+1.972.994.8504
For technical questions and application information:
Email: info-products@qorvo.com
Important Notice
The information contained herein is believed to be reliable. Qorvo makes no warranties regarding the information
contained herein. Qorvo assumes no responsibility or liability whatsoever for any of the information contained herein.
Qorvo assumes no responsibility or liability whatsoever for the use of the information contained herein. The information
contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information
is entirely with the user. All information contained herein is subject to change without notice. Customers should obtain
and verify the latest relevant information before placing orders for Qorvo products. The information contained herein or
any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other
intellectual property rights, whether with regard to such information itself or anything described by such information.
Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or
death.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com