Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF5043Z Datasheet(PDF) 4 Page - Qorvo, Inc

Part # SPF5043Z
Description  50 MHz to 4000 MHz Low-Noise Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SPF5043Z Datasheet(HTML) 4 Page - Qorvo, Inc

  SPF5043Z Datasheet HTML 1Page - Qorvo, Inc SPF5043Z Datasheet HTML 2Page - Qorvo, Inc SPF5043Z Datasheet HTML 3Page - Qorvo, Inc SPF5043Z Datasheet HTML 4Page - Qorvo, Inc SPF5043Z Datasheet HTML 5Page - Qorvo, Inc SPF5043Z Datasheet HTML 6Page - Qorvo, Inc SPF5043Z Datasheet HTML 7Page - Qorvo, Inc SPF5043Z Datasheet HTML 8Page - Qorvo, Inc SPF5043Z Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
®
SPF5043Z
50 MHz to 4000 MHz Low-Noise Amplifier
Datasheet, June 12, 2018 | Subject to change without notice
4 of 14
www.qorvo.com
SPF5043ZPCK1 Evaluation Board Layout & Schematic
Bill of Material
Reference Des.
Value
Description
Manuf.
Part Number
Q1
n/a
LNA, 50MHz to 4000MHz Amp
Qorvo
SPF5043Z
C1
0.1 μF
CAP,
0.1 μF,10%, 16V, X7R, 0603
Murata
GRM188R71C104KA01D
C2, C3, C4
100 pF
CAP, 100 pF, 5%, 50V, C0G, 0603
Murata
GRM1885C1H101JA01D
L1
100 nH
IND, 100 nH, 5%, M/L, 0603
Toko
LL1608-FSLR10J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com