Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0622Z Datasheet(PDF) 4 Page - Qorvo, Inc

Part # SGL0622Z
Description  5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SGL0622Z Datasheet(HTML) 4 Page - Qorvo, Inc

  SGL0622Z Datasheet HTML 1Page - Qorvo, Inc SGL0622Z Datasheet HTML 2Page - Qorvo, Inc SGL0622Z Datasheet HTML 3Page - Qorvo, Inc SGL0622Z Datasheet HTML 4Page - Qorvo, Inc SGL0622Z Datasheet HTML 5Page - Qorvo, Inc SGL0622Z Datasheet HTML 6Page - Qorvo, Inc SGL0622Z Datasheet HTML 7Page - Qorvo, Inc SGL0622Z Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision DS20160114
- 4 of 8 -
Disclaimer: Subject to change without notice
© 2016 Qorvo, Inc.
www.rfmd.com / www.qorvo.com
SGL0622Z
RFMD + TriQuint = Qorvo
Typical Performance Using 850MHz Application Board
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
Noise Figure vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
IIP3 vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
-4
-2
0
2
4
6
8
10
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
P1dB vs. Frequency
+105 °C
+85 °C
+25 °C
−40 °C
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
D (V)
Device Current vs. Device Voltage
+85 °C
+25 °C
−40 °C
-65
-60
-55
-50
-45
-40
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
IM3 vs. Frequency
+85 °C
+25 °C
−40 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com