Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2023 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA2023
Description  Voltage Controlled Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2023 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA2023 Datasheet HTML 1Page - Qorvo, Inc RFSA2023 Datasheet HTML 2Page - Qorvo, Inc RFSA2023 Datasheet HTML 3Page - Qorvo, Inc RFSA2023 Datasheet HTML 4Page - Qorvo, Inc RFSA2023 Datasheet HTML 5Page - Qorvo, Inc RFSA2023 Datasheet HTML 6Page - Qorvo, Inc RFSA2023 Datasheet HTML 7Page - Qorvo, Inc RFSA2023 Datasheet HTML 8Page - Qorvo, Inc RFSA2023 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RFSA2023
Voltage Controlled Attenuator
Datasheet, October 14, 2018 | Subject to change without notice
1 of 16
www.qorvo.com
®
16 Pad 3
 x 3 mm QFN Package
Key Features
• Broadband 50MHz to 6000 MHz
• 30 dB Attenuation Range
• +50 dBm Input IP3
• +80 dBm Input IP2
• >+30 dBm High 1 dB Compression
• 1mA Low Current Consumption
• 3.3V Power Supply
• Linear in dB Control Characteristic
• Internal Temperature Compensation
• 5V Version Available - RFSA2013
Product Overview
Qorvo's RFSA2023 is a fully monolithic analog voltage
control attenuator (VCA) featuring exceptional linearity
over 30dB adjustment range with on-chip temperature
compensation.
RFSA2023 incorporates a revolutionary new circuit
architecture. It solved the long-standing industry
problems of IP3, attenuation range, DC current,
bandwidth, and temperature compensation. RFSA2023
is also designed with linear in dB control characteristic.
There is no external analog supporting circuitry
required. This attenuator is controlled by a single
positive variable voltage with DC conditioning circuitry
also on-chip. The slope of the attenuation versus control
voltage is selectable. The RFSA2023 draws only 1mA
current. It is internally matched to 50
Ω and works quite
well over its rated ranges of control voltage and
frequency.
This game-changing product integrates the complete
solution into a small 3mm x 3mm QFN package. That
reduces the footprint by 20X in area and reduces the
DC power by 10X over the PIN diode approaches.
Ordering Information
Part No.
Description
RFSA2023TR7
2,500 pieces on a 7” reel (standard)
RFSA2023PCK
 - 410
50
 – 6000 MHz Evaluation Board
with 5-piece sample bag
Functional Block Diagram
Top View
Applications
• Cellular, 3G Infrastructure
• WiBro, WiMax, LTE
• Microwave Radio
• High Linearity Power Control


Similar Part No. - RFSA2023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
More results

Similar Description - RFSA2023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
G30_SMG30 MA-COM-G30_SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
G40_SMG40 MA-COM-G40_SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3023 RFMD-RFSA3023 Datasheet
1Mb / 17P
75 VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1_15 Datasheet
741Kb / 4P
Voltage-Controlled Attenuator Module
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com