Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS58-PZ Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # ESS58-PZ
Description  Singleturn absolute encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ESS58-PZ Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  ESS58-PZ Datasheet HTML 1Page - Pepperl+Fuchs Inc. ESS58-PZ Datasheet HTML 2Page - Pepperl+Fuchs Inc. ESS58-PZ Datasheet HTML 3Page - Pepperl+Fuchs Inc. ESS58-PZ Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Singleturn absolute encoder
ESS58-PZ
4
LEDs for HUB Port
LEDs for Powerlink
Node number adjustment
The setting of the controlled node number is achieved by 2 hexadicimal switches x16 and x1.
Allowed node numbers range is 1 ... 239. The adjusted node number is calculated as follows:
Node number = Decimal value[switch x16] x 16 + Decimal value[switch x1] x 1
Example:
[switch x16] = A, [switch x1] = 5
Ahex = 10dec x 16 = 160 + 5 = 165
Indicators and operation means
LED
Color
Status
Meaning
LS/DA 1
green
on
LINK active for HUB Port 1
blinking
Activity on HUB Port 1
LS/DA 2
green
on
LINK active for HUB Port 2
blinking
Activity on HUB Port 2
LED
Color
Status
Meaning
Error
red
on
- not allowed node number
- internal communication error
- buffer underrun/overflow
- collision
- CRC error
- loss of SoC
off
no error
Status
green
off
not active
flickering
Basic Ethernet mode
flashes 1x Pre-Operational 1
flashes 2x Pre-Operational 2
flashes 3x ready to operate
on
Operational
blinking
Stopped
Order code
E
S
S
5
8N–
P
Z
R
0B N–
0
0
Number of bits singleturn
13
8192 (standard)
16
65536
Temp.
N
normal
Output code
B
binary
Option
0
none
Exit position
R
radial
Connection type / protocol
PZ
Powerlink protocol, 2 female connectors/1 male connector, M12 x 1
Shaft dimensions
F1A
Recessed hollow shaft Ø10 mm x 30 mm
F2A
Recessed hollow shaft Ø12 mm x 30 mm
F3A
Recessed hollow shaft Ø15 mm x 30 mm
Housing material
N
Aluminium, powder coated
W
Aluminium, powder coated with shaft seal
Function principle
S
Singleturn
Shaft version
S
Recessed hollow shaft
Data format
E
Ethernet
012
F
012
F
POWERLINK
LS/DA 1
Error
Port1
Port2
Power
x16
x1
LS/DA 2
Status
Node-
number
LED window
Ethernet Port
Supply
Ethernet Port
Node number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com