Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAD32FD Datasheet(PDF) 2 Page - Schneider Electric

Part # CAD32FD
Description  TeSys D control relay - 3 NO 2 NC - <= 690 V - 110 V DC standard coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAD32FD Datasheet(HTML) 2 Page - Schneider Electric

  CAD32FD Datasheet HTML 1Page - Schneider Electric CAD32FD Datasheet HTML 2Page - Schneider Electric CAD32FD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plate
Connections - terminals
screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)flexible without cable end
screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)flexible without cable end
screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)flexible with cable end
screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²)flexible with cable end
screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)solid without cable end
screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)solid without cable end
Tightening torque
10.62 lbf.in (1.2 N.m) screw clamp terminals Philips No 2
10.62 lbf.in (1.2 N.m) screw clamp terminals flat Ø 6 mm
Control circuit voltage limits
0.1...0.25 Uc -40…158 °F (-40…70 °C) drop-out DC
0.7...1.25 Uc -40…140 °F (-40…60 °C) operational DC
1...1.25 Uc 140…158 °F (60…70 °C) operational DC
Operating time
53...72 ms coil energisation and NO closing
16...24 ms coil de-energisation and NO opening
47...63 ms coil energisation and NC opening
15...25 ms coil de-energisation and NC closing
Mechanical durability
30 Mcycles
Maximum operating rate
180 cyc/mn
Time constant
28 ms
Inrush power in W
5.4 W 68 °F (20 °C))
Hold-in power consumption in W
5.4 W 68 °F (20 °C)
Minimum switching voltage
17 V
Minimum switching current
5 mA
Non-overlap time
1.5 ms on energisation between NC and NO contact
1.5 ms on de-energisation between NC and NO contact
Insulation resistance
> 10 MOhm
Mechanical robustness
Shocks control relay open10 Gn for 11 ms IEC 60068-2-27
Shocks control relay closed15 Gn for 11 ms IEC 60068-2-27
Vibrations control relay open2 Gn, 5...300 Hz IEC 60068-2-6
Vibrations control relay closed4 Gn, 5...300 Hz IEC 60068-2-6
Maximum Height
3.03 in (77 mm)
Maximum Width
1.77 in (45 mm)
Maximum Depth
3.66 in (93 mm)
Net Weight
1.28 lb(US) (0.58 kg)
Environment
Standards
BS 4794
EN 60947-5
IEC 60947-5-1
NF C 63-140
VDE 0660
Product Certifications
CSA
UL
IP degree of protection
IP2x front face VDE 0106
Protective treatment
TH IEC 60068
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient Air Temperature for Storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Ordering and shipping details
Category
22371 - RELAYS, CONTROL
Discount Schedule
I12
GTIN
03389110404203
Nbr. of units in pkg.
1
Package weight(Lbs)
18.38 oz (521 g)
Returnability
Yes
Country of origin
ID
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com