Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LPC47N237
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LPC47N237 Datasheet HTML 35Page - SMSC Corporation LPC47N237 Datasheet HTML 36Page - SMSC Corporation LPC47N237 Datasheet HTML 37Page - SMSC Corporation LPC47N237 Datasheet HTML 38Page - SMSC Corporation LPC47N237 Datasheet HTML 39Page - SMSC Corporation LPC47N237 Datasheet HTML 40Page - SMSC Corporation LPC47N237 Datasheet HTML 41Page - SMSC Corporation LPC47N237 Datasheet HTML 42Page - SMSC Corporation LPC47N237 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 39
Revision 0.3 (10-26-04)
DATASHEET
This will cause a maximum character received to interrupt issued delay of 160 msec at 300 BAUD with
a 12 bit character.
2.
Character times are calculated by using the RCLK input for a clock signal (this makes the delay
proportional to the baudrate).
3.
When a timeout interrupt has occurred it is cleared and the timer reset when the CPU reads one
character from the RCVR FIFO.
4.
When a timeout interrupt has not occurred the timeout timer is reset after a new character is received
or after the CPU reads the RCVR FIFO.
When the XMIT FIFO and transmitter interrupts are enabled (FCR bit 0 = "1", IER bit 1 = "1"), XMIT
interrupts occur as follows:
1.
The transmitter holding register interrupt (02H) occurs when the XMIT FIFO is empty; it is cleared as
soon as the transmitter holding register is written to (1 of 16 characters may be written to the XMIT
FIFO while servicing this interrupt) or the IIR is read.
2.
The transmitter FIFO empty indications will be delayed 1 character time minus the last stop bit time
whenever the following occurs: THRE=1 and there have not been at least two bytes at the same time
in the transmitter FIFO since the last THRE=1. The transmitter interrupt after changing FCR0 will be
immediate, if it is enabled.
Character timeout and RCVR FIFO trigger level interrupts have the same priority as the current received
data available interrupt; XMIT FIFO empty has the same priority as the current transmitter holding register
empty interrupt.
8.5
FIFO Polled Mode Opertion
With FCR bit 0 = "1" resetting IER bits 0, 1, 2 or 3 or all to zero puts the UART in the FIFO Polled Mode of
operation. Since the RCVR and XMITTER are controlled separately, either one or both can be in the
polled mode of operation. In this mode, the user's program will check RCVR and XMITTER status via the
LSR. LSR definitions for the FIFO Polled Mode are as follows:
Bit 0=1 as long as there is one byte in the RCVR FIFO.
Bits 1 to 4 specify which error(s) have occurred. Character error status is handled the same way as
when in the interrupt mode, the IIR is not affected since EIR bit 2=0.
Bit 5 indicates when the XMIT FIFO is empty.
Bit 6 indicates that both the XMIT FIFO and shift register are empty.
Bit 7 indicates whether there are any errors in the RCVR FIFO.
There is no trigger level reached or timeout condition indicated in the FIFO Polled Mode, however, the
RCVR and XMIT FIFOs are still fully capable of holding characters.
Table 8.3 – UART Baud Rates
DESIRED
BAUD RATE
DIVISOR USED TO
GENERATE 16X CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL
(NOTE 8.2
)
HIGH
SPEED BIT
(NOTE 8.3
)
50
2304
0.001
X
75
1536
-
X
110
1047
-
X
134.5
857
0.004
X
150
768
-
X
300
384
-
X
600
192
-
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com