Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237-MT Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47N237-MT
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MT Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47N237-MT Datasheet HTML 9Page - SMSC Corporation LPC47N237-MT Datasheet HTML 10Page - SMSC Corporation LPC47N237-MT Datasheet HTML 11Page - SMSC Corporation LPC47N237-MT Datasheet HTML 12Page - SMSC Corporation LPC47N237-MT Datasheet HTML 13Page - SMSC Corporation LPC47N237-MT Datasheet HTML 14Page - SMSC Corporation LPC47N237-MT Datasheet HTML 15Page - SMSC Corporation LPC47N237-MT Datasheet HTML 16Page - SMSC Corporation LPC47N237-MT Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 13
Revision 0.3 (10-26-04)
DATASHEET
Chapter 4 Description of Pin Functions
Table 4.1 – Pin Description
PIN#
NAME
(NOTE 4.1)
DESCRIPTION
BUFFER
NAME
(NOTE 4.2)
PWR
WELL
(NOTE
4.3)
NOTES
POWER PINS (16)
1,18,
32,63
VTR
+3.3 Volt Standby Supply Voltage (4)
13,48,
53,65,
93
VCC
+3.3 Volt Supply Voltage (5)
7,19,
31,39,
56,60,
76
VSS
Ground (7)
CLOCKS (3)
61
XTAL1
24MHz Crystal Clock Input. It can also be
used as single-ended oscillator clock input.
ICLK
VTR
(Note 4.4)
62
XTAL2
24MHz Crystal Clock Output
OCLK
VTR
(Note 4.4)
64
24MHz_OUT
24MHz Clock Output
O12
VCC
(Note 4.5)
PROCESSOR/HOST LPC INTERFACE (12)
17
nIO_PME
This active low Power Management signal
allows to request wakeup. It can be
configured to be Push-Pull output
OD12
VTR
23:20
LAD[3:0]
Active high LPC I/O used for multiplexed
command, address and data bus.
PCI_IO
VCC
24
nLFRAME
Active low input indicates start of new cycle
and termination of broken cycle.
PCI_I
VCC
25
nLDRQ
Active low output used for encoded
DMA/Bus Master request for the LPC
interface.
PCI_O
VCC
26
nPCI_RESET
Active low input used as LPC Interface
Reset.
PCI_I
VCC
27
nLPCPD
Active low input Power Down signal
indicates that the LPC47N237 should
prepare for power to be shut-off on the LPC
interface.
PCI_I
VCC
(Note 4.6)
28
nCLKRUN
This signal is used to indicate the PCI clock
status and to request that a stopped clock
be started.
PCI_IOD
VCC
29
PCI_CLK
PCI clock input.
PCI_ICLK
VCC
30
SER_IRQ
Serial IRQ pin used with the PCI_CLK pin to
transfer LPC47N237 interrupts to the host.
PCI_IO
VCC
SERIAL PORT INTERFACE (8)
84
RXD
Receiver serial data input.
IS
VCC
85
TXD
Transmit serial data output.
O12
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com