Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6300IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT6300IGN
Description  500mA, 200MHz X DSL LINE DRIVER IN 16-LEAD SSOP PACKAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6300IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6300IGN Datasheet HTML 8Page - Linear Technology LT6300IGN Datasheet HTML 9Page - Linear Technology LT6300IGN Datasheet HTML 10Page - Linear Technology LT6300IGN Datasheet HTML 11Page - Linear Technology LT6300IGN Datasheet HTML 12Page - Linear Technology LT6300IGN Datasheet HTML 13Page - Linear Technology LT6300IGN Datasheet HTML 14Page - Linear Technology LT6300IGN Datasheet HTML 15Page - Linear Technology LT6300IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT6300
APPLICATIO S I FOR ATIO
Another compensation scheme for noninverting circuits is
shown in Figure 10. The circuit is unity gain at low fre-
quency and a gain of 1 + RF/RG at high frequency. The DC
output offset is reduced by a factor of ten. The techniques
of Figures 9 and 10 can be combined as shown in Fig-
ure 11. The gain is unity at low frequencies, 1 + RF/RG at
mid-band and for stability, a gain of 10 or greater at high
frequencies.
In differential driver applications, as shown on the first
page of this data sheet, it is recommended that the gain
setting resistor be comprised of two equal value resistors
connected to a good AC ground at high frequencies. This
ensures that the feedback factor of each amplifier remains
less than 0.1 at any frequency. The midpoint of the
resistors can be directly connected to ground, with the
resulting DC gain to the VOS of the amplifiers, or just
bypassed to ground with a 1000pF or larger capacitor.
Line Driving Back-Termination
The standard method of cable or line back-termination is
shown in Figure 12. The cable/line is terminated in its
characteristic impedance (50
Ω, 75Ω, 100Ω, 135Ω, etc.).
A back-termination resistor also equal to the chararacteristic
impedance should be used for maximum pulse fidelity of
outgoing signals, and to terminate the line for incoming
signals in a full-duplex application. There are three main
drawbacks to this approach. First, the power dissipated in
the load and back-termination resistors is equal so half of
the power delivered by the amplifier is wasted in the
termination resistor. Second, the signal is halved so the
gain of the amplifer must be doubled to have the same
overall gain to the load. The increase in gain increases
noise and decreases bandwidth (which can also increase
distortion). Third, the output swing of the amplifier is
doubled which can limit the power it can deliver to the load
for a given power supply voltage.
An alternate method of back-termination is shown in
Figure 13. Positive feedback increases the effective back-
termination resistance so RBT can be reduced by a factor
6300 F10
RF
RG
Vi
VO
CC
< 5MHz
1
2
πRGCC
RG ≤ RF/9
= 1 (LOW FREQUENCIES)
(HIGH FREQUENCIES)
VO
VI
= 1 +
RF
RG
Figure 10. Alternate Noninverting Compensation
RC
VO
VI
CC
6300 F11
RF
RG
CBIG
RF
RG
= 1 AT LOW FREQUENCIES
= 1 +
AT MEDIUM FREQUENCIES
RF
(RC || RG)
= 1 +
AT HIGH FREQUENCIES
VO
VI
Figure 11. Combination Compensation
6300 F12
RF
RBT
CABLE OR LINE WITH
CHARACTERISTIC IMPEDANCE RL
RG
VO
VI
RL
(1 + RF/RG)
=
VO
VI
1
2
RBT = RL
Figure 12. Standard Cable/Line Back Termination
6300 F13
RF
RBT
RP2
RP1
RG
VI
VA
VP
VO
RL
RF
RG
1 +
RL
n
=
VO
VI
= 1 –
–
1
n
FOR RBT =
()
RF
RG
1 +
()
RP1
RP1 + RP2
RP1
RP2 + RP1
RP2/(RP2 + RP1)
()
1 + 1/n
Figure 13. Back Termination Using Postive Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com