Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1983-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1983-3
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1983-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC1983-3 Datasheet HTML 1Page - Linear Technology LTC1983-3 Datasheet HTML 2Page - Linear Technology LTC1983-3 Datasheet HTML 3Page - Linear Technology LTC1983-3 Datasheet HTML 4Page - Linear Technology LTC1983-3 Datasheet HTML 5Page - Linear Technology LTC1983-3 Datasheet HTML 6Page - Linear Technology LTC1983-3 Datasheet HTML 7Page - Linear Technology LTC1983-3 Datasheet HTML 8Page - Linear Technology LTC1983-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1983-3/LTC1983-5
2
sn1983 1983fs
VIN to GND ................................................... –0.3V to 6V
SHDN Voltage .............................................. –0.3V to 6V
VOUT to GND (LTC1983-3) .................. 0.2V to VOUT Max
VOUT to GND (LTC1983-5) .................. 0.2V to VOUT Max
IOUT Max ............................................................. 125mA
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range (Note 2) ...–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 256°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTPC
LTYB
LTC1983ES6-3
LTC1983ES6-5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Burst Mode is a registered trademark of Linear Technology
Corporation.
Note 1: Absolute Maximum Ratings are those values beyond
which the life of a device may be impaired.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, CFLY = 1µF, COUT = 10µF
unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage (Regulated Output Mode) (LTC1983-3)
q
3.0
5.5
V
VIN Min Startup Voltage
2.3
V
VOUT (LTC1983-3)
VIN ≥ 3.3V, IOUT ≤ 25mA
q
–2.88
–3
–3.12
V
VIN ≥ 5V, IOUT ≤ 100mA
q
–2.88
–3
–3.12
V
VOUT (LTC1983-5)
VIN ≥ 5V, VIN –5V ≥ IOUT • ROUT
q
– 4.8
–5
– 5.2
V
VIN Operating Current
VIN ≤ 5.5V, IOUT = 0µA, SHDN = VIN
q
25
60
µA
VIN Operating Current (Open-Loop Mode) (LTC1983-5)
VIN = 3.3V
2.5
mA
VIN = 4.75V
4
mA
VIN Shutdown Current
SHDN = 0V, VIN ≤ 5.5V
q
0.1
1
µA
Output Ripple
3.3
≤ VIN ≤ 5.5
60
mVP-P
Open-Loop Output Impedance (LTC1983-3): ROUT
VIN = 3.3V, VOUT = –3V
11
Ω
Open-Loop Output Impedance (LTC1983-5): ROUT
VIN = 3.3V, IOUT ≈ 50mA
11
Ω
VIN = 5V, IOUT ≈ 60mA
8.5
Ω
Oscillator Frequency
(Non-Burst Mode
® Operation)
900
kHz
SHDN Input High
q
1.1
V
SHDN Input Low
q
0.3
V
SHDN Input Current
VSHDN = 5.5V
q
2.2
4
µA
VCC 1
VOUT 2
C+ 3
6 SHDN
5 GND
4 C–
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 2: The LTC1983E-3/LTC1983E-5 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com