Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP502 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # GP502
Description  IEEE 802.15.4 Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP502 Datasheet(HTML) 1 Page - Qorvo, Inc

  GP502 Datasheet HTML 1Page - Qorvo, Inc GP502 Datasheet HTML 2Page - Qorvo, Inc GP502 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Classification | UNRESTRICTED
GP502
IEEE 802.15.4 Communications Controller
Product Brief
Subject to change without notice | All rights reserved.
© 2017, 2020 Qorvo, Inc.
Product Brief GP_P007_PB_09233 V2.01
Page 1 of 3
www.qorvo.com
®
Product Overview
The GP502 ZigBee-ready IEEE 802.15.4 communications controller is a fully integrated
transceiver solution for ultra-low power wireless communications. It is compliant with the IEEE
Standard 802.15.4, providing robust spread spectrum data communication with a secure
encrypted data flow.
The GP502 interference robustness and antenna diversity offer superior performance in a
crowded wireless 2.4 GHz environment. In addition, the GP502 presents a Coexistence
Interface to enable coexistence with other potentially interfering radios (Bluetooth®, Wi-Fi)
within the same host device.
The GP502 provides a high-speed serial interface (SPI) to the host processor.
It supports stand-alone RF4CE DutyCycling and packet filtering through Deep Packet
Inspection when the host is asleep and has an extremely low standby power consumption enabling total system power consumption
of less than 1 mW while allowing reception of remote control commands
The GP502 is optimized f
or low cost while providing superior performance. Its radio characteristics reduce the product’s RF design
complexity enabling low cost single layer applications using simple PCB antennas requiring no shielding and a minimum number of
external components.
Chip Overview
2.4 GHz
IEEE 802.15.4
Radio
AES-CCM*
Security Engine
32 MHz
Power Management
G
P
I
O
IEEE 802.15.4
MAC
Timing &
Control
ADC
Ant.2
Ant.1
Coexistence
Interface
SPI Slave
Advanced Offload
(DutyCycling, DPI)
Rx/Tx Buffers


Similar Part No. - GP502

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
IEEE 802.15.4 Communications Controller
More results

Similar Description - GP502

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
IEEE 802.15.4 Communications Controller
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
IEEE 802.15.4 Communications Controller
GP712 TRIQUINT-GP712 Datasheet
196Kb / 3P
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
logo
List of Unclassifed Man...
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
logo
NXP Semiconductors
JN5189 NXP-JN5189 Datasheet
2Mb / 92P
IEEE 802.15.4 low power wireless MCU
Rev. 1.2-June 2020
logo
Qorvo, Inc
GP712 QORVO-GP712 Datasheet
196Kb / 3P
IEEE 802.15.4 Multi-Stack Multi-Channel Communications Controller
GP501 QORVO-GP501 Datasheet
194Kb / 3P
IEEE 802.15.4 Communications Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com