Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300AVMH1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M40Z300AVMH1F
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300AVMH1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M40Z300AVMH1F Datasheet HTML 9Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 10Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 11Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 12Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 13Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 14Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 15Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 16Page - STMicroelectronics M40Z300AVMH1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
M40Z300AV
Table 7. Power Down/Up Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 3.0 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after VCC
passes VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
4. tREC (min) = 20ms for industrial temperature Grade 6 device.
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
150
µs
tR
VPFD(min) to VPFD (max) VCC Rise Time
10
µs
tEDL
Chip Enable Propagation Delay Low
20
ns
tEDH
Chip Enable Propagation Delay High
20
ns
tAS
A, B set up to E
0ns
tCER
Chip Enable Recovery
40
120
ms
tREC
(4)
VPFD (max) to RST High
40
120
ms
tWPT
Write Protect Time
40
250
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com