Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTO39 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VTO39
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VTO39 Datasheet(HTML) 1 Page - IXYS Corporation

  VTO39 Datasheet HTML 1Page - IXYS Corporation VTO39 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003 IXYS All rights reserved
1 - 2
VTO 39
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
700
600
VTO 39-06ho7
900
800
VTO 39-08ho7
1300
1200
VTO 39-12ho7
Three Phase Rectifier Bridge
I
dAV
= 39 A
V
RRM = 600-1200 V
F
A
HJ M
BE G
N
L
I
Features
• Package with DCB ceramic
base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
Data according to IEC 60747 refer to a single diode/thyristor unless otherwise stated.
① for resistive load at bridge output.
Symbol
Conditions
Maximum Ratings
I
dAV
①
T
C = 85°C, module
39
A
I
TAVM
T
C = 85°C; (180° sine ; per thyristor)
16
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
210
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
180
A
V
R = 0
t = 8.3 ms (60 Hz), sine
190
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
150
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
160
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
150
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 20 A
100
A/µs
f = 50Hz, t
P = 200µs
V
D =
2/
3 VDRM
I
G = 0.15 A
non repetitive, I
T = ITAVM
500
A/µs
di
G/dt = 0.15 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
500
V/µs
R
GK = ∞; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p =
30 µs
≤
5W
I
T = ITAVM
t
p =
300 µs
≤ 2.5
W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M4)
1.5 - 2
Nm
14 - 18
lb.in.
Weight
typ.
18
g
Priliminary data
IXYS reserves the right to change limits, test conditions and dimensions.
E72873


Similar Part No. - VTO39

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8060 HP-VTO-8060 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8080 HP-VTO-8080 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8090 HP-VTO-8090 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
VTO-8150 HP-VTO-8150 Datasheet
918Kb / 7P
Varactor-Tuned Oscillators
More results

Similar Description - VTO39

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com